Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20GEEG3E/W3E/-R Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 20GEEG3E/W3E/-R
Description  HIGH PERFORMANCE IEC CONNECTOR FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

20GEEG3E/W3E/-R Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  20GEEG3E/W3E/-R Datasheet HTML 1Page - Delta Electronics, Inc. 20GEEG3E/W3E/-R Datasheet HTML 2Page - Delta Electronics, Inc. 20GEEG3E/W3E/-R Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MECHANICAL CONSTRUCTION
2-5
EG3V
EW3V
EG3E, EG3Q (Optional soldering lug or wire type)
EG3S
EG3U (With Compact Size)
PCB
PANEL
ASSEMBLY FROM FRONT
30.0MAX.
1.18MAX.
1.99MAX.
50.5MAX.
1.575 0.02
40.0 0.5
40.0 0.13
0.14
3.5
R0.236
R6.0
1.575 0.005
1.20-0
+0.02
30.5-0
+0.5
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM BEHIND)
L
G
N
INCH
UNIT:
mm
WIRE LENGTH : 4.0" MIN.
SUGGESTED MOUNTING CUTOUT
(SAME AS ABOVE)
1.18MAX.
30.0MAX.
L
G
N
1.99MAX.
50.5MAX.
40.0 0.5
1.575 0.02
3.3 (2X)
0.13 (2X)
2.07 MAX.
52.5 MAX.
M3 (2X)
1.12-0
+0.02
L
G
N
28.45-0
+0.5
40.0 0.5
1.575 0.02
1.575 0.02
28.5 MAX.
1.12 MAX.
R3.0 (4X)
R0.12 (4X)
1.575 0.005
40.0 0.13
3.3 (2X)
0.13 (2X)
3.3 (2X)
0.13 (2X)
R3.0
R0.12
M3
1.575 0.005
0.079
2.0
1.12MAX.
28.4MAX.
L
G
N
1.99MAX.
50.5MAX.
40.0 0.5
1.575 0.02
1.575 0.02
40.0 0.13
0.13(2X)
3.3(2X)
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
28.4Max.
1.12Max.
40.0 0.5
1.575 0.02
2.07MAX.
L
G
52.5MAX.
N
1.12-0
R0.12
R3.0
+0.02
40.0 0.13
M3
1.575 0.005
28.45-0
+0.5
3.3(2X)
0.13(2X)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com