Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV922 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV922
Description  1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV922 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV922 Datasheet HTML 3Page - National Semiconductor (TI) LMV922 Datasheet HTML 4Page - National Semiconductor (TI) LMV922 Datasheet HTML 5Page - National Semiconductor (TI) LMV922 Datasheet HTML 6Page - National Semiconductor (TI) LMV922 Datasheet HTML 7Page - National Semiconductor (TI) LMV922 Datasheet HTML 8Page - National Semiconductor (TI) LMV922 Datasheet HTML 9Page - National Semiconductor (TI) LMV922 Datasheet HTML 10Page - National Semiconductor (TI) LMV922 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V − = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1MΩ.Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
Limits
(Note 6)
Units
V
O
Output Swing
R
L = 600Ω to 2.5V
V
IN = ± 100mV
4.895
4.865
4.840
V
min
0.1
0.135
0.160
V
max
R
L =2kΩ to 2.5V
V
IN = ± 100mV
4.965
4.945
4.935
V
min
0.035
0.065
0.075
V
max
I
O
Output Short Circuit Current
LMV921 Sourcing, V
O =0V
V
IN = 100mV
98
85
68
mA
min
LMV922, LMV924 Sourcing, V
O =
0V
V
IN = 100mV
60
35
Sinking, V
O =5V
V
IN = −100mV
75
65
45
mA
min
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V − = 0V, V
CM =V
+/2, V
O = 2.5V and
R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Units
SR
Slew Rate
(Note 7)
0.45
V/µs
GBW
Gain-Bandwidth Product
1
MHz
Φ
m
Phase Margin
70
Deg.
G
m
Gain Margin
15
dB
e
n
Input-Referred Voltage Noise
f = 1 kHz, V
CM =1V
45
i
n
Input-Referred Current Noise
f = 1 kHz
0.1
THD
Total Harmonic Distortion
f = 1 kHz, A
V =+1
R
L = 600Ω,VO =1VPP
0.069
%
Amp-to-Amp Isolation
(Note 8)
140
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF. Machine model, 200Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of 45 mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: V+ = 5V. Connected as voltage follower with 5V step input. Number specified is the slower of the positive and negative slew rates.
Note 8: Input referred, V+ = 5V and RL = 100kΩ connected to 2.5V. Each amp excited in turn with 1kHz to produce VO = 3VPP.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com