Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASML-5829 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASML-5829
Description  Schottky Assisted Low Power PIN Diode Limiter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASML-5829 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASML-5829 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASML-5829 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASML-5829 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASML-5829 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASML-5829 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASML-5829 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Table 1. Absolute Maximum Rating [1] Tc = +25°C, PIN diode
Symbol
Parameter
Units
Absolute Max.
for PIN Diode
Absolute Max.
for Schottky Diode
IF
Forward Current (1
µs Pulse)
Amp
1
1
PIV
Peak Inverse Voltage
V
100
15
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
θJC
Thermal Resistance [2]
°C/W
150
Notes:
1. Operation in excess of anyone of these conditions may result in permanent damage to the device.
2. TC = 25°C, TC where is defined to be the temperature at the package pins where contacts is made to the circuit board.
Table 2. Electrical Specifications, Tc = +25°C, PIN diode
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
VBR
Breakdown Voltage @ IR ≤ 10µA
V
100
128
–
VF
Forward Voltage @ IF = 30mA
V
–
0.90
–
RS
Typical Series Resistance @ Freq = 100MHz & IF = 1mA
Ohm
–
4.00
–
RS
Typical Series Resistance @ Freq = 100MHz & IF = 5mA
Ohm
–
1.90
2.5
CT
Typical Total Capacitance @ Freq = 1MHz & VR = 5V
pF
–
0.28
0.375
τ
Carrier Lifetime @ IF =10mA & IR = 6mA
ns
–
200
–
Table 3. Electrical Specifications, Tc = +25°C, Schottky diode
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
VBR
Breakdown Voltage @ IR ≤ 100µA
V
15
22
–
IR
Reverse Leakage Current @ VBR = 1V
nA
–
40
100
VF
Forward Voltage @ IF = 1mA
V
–
0.32
0.34
VF
Forward Voltage @ IF = 10mA
V
–
0.45
0.50
CT
Typical Total Capacitance @ Freq = 1MHz & VR = 0V
pF
–
0.7
1.0
RD
Typical Dynamic Resistance, IF = 5mA
Ohm
–
12
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com