Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2335L Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335L
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335L Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX2335L Datasheet HTML 9Page - National Semiconductor (TI) LMX2335L Datasheet HTML 10Page - National Semiconductor (TI) LMX2335L Datasheet HTML 11Page - National Semiconductor (TI) LMX2335L Datasheet HTML 12Page - National Semiconductor (TI) LMX2335L Datasheet HTML 13Page - National Semiconductor (TI) LMX2335L Datasheet HTML 14Page - National Semiconductor (TI) LMX2335L Datasheet HTML 15Page - National Semiconductor (TI) LMX2335L Datasheet HTML 16Page - National Semiconductor (TI) LMX2335L Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Functional Description (Continued)
TABLE 3. The F
oLD Output Truth Table
RF1 R[19]
RF2 R[19]
RF1 R[20]
RF2 R[20]
F
oLD
(RF1 LD)
(RF2 LD)
(RF1 F
O)
(RF2 F
O)
Output State
0000
Disabled (Note 10)
0100
RF2 Lock Detect (Note 11)
1000
RF1 Lock Detect (Note 11)
1100
RF1/RF2 Lock Detect (Note 11)
X
0
0
1
RF2 Reference Divider Output
X
0
1
0
RF1 Reference Divider Output
X
1
0
1
RF2 Programmable Divider Output
X
1
1
0
RF1 Programmable Divider Output
0011
Fastlock (Note 12)
0111
RF2 Counter Reset (Note 13)
1011
RF1 Counter Reset (Note 13)
1111
RF1 and RF2 Counter Reset (Note 13)
X — don’t care condition
Note 10: When the FoLD output is disabled it is actively pulled to a low logic state.
Note 11: Lock detect output provided to indicate when the VCO frequency is in “lock”. When the loop is locked and a lock detect mode is selected, the pins output
is HIGH, with narrow pulses LOW. In the RF1/RF2 lock detect mode a locked condition is indicated when RF2 and RF1 are both locked.
Note 12: The Fastlock mode utilized the FoLD output pin to switch a second loop filter damping resistor to ground during fastlock operation. Activation of Fastlock
occurs whenever the RF loop’s Icpo magnitude bit #17 is selected HIGH (while the #19 and #20 mode bits are set for Fastlock).
Note 13: The RF2 counter reset mode resets RF2 PLL’s R and N counters and brings RF2 charge pump output to a TRI-STATE condition. The RF1 counter reset
mode resets RF1 PLL’s R and N counters and brings RF1 charge pump output to a TRI-STATE condition. The RF1 and RF2 counter reset mode resets all counters
and brings both charge pump output to a TRI-STATE condition. Upon removal of the Reset bits the N counter resumes counting in “close” alignment with the R
counter. (The maximum error is one prescaler cycle).
POWERDOWN OPERATION
Synchronous and asynchronous powerdown modes are
both available by microwire selection. Synchronously power-
down occurs if the respective loop’s R18 bit (Do TRI-STATE)
is LOW when its N20 bit (Pwdn) becomes HI. Asynchronous
powerdown occurs if the loop’s R18 bit is HI when its N20 bit
becomes HI.
In the synchronous powerdown mode, the powerdown func-
tion is gated by the charge pump to prevent unwanted fre-
quency jumps. Once the powerdown program bit N20 is
loaded, the part will go into powerdown mode when the
charge pump reaches a TRI-STATE condition.
In the asynchronous powerdown mode, the device powers
down immediately after the LE pin latches in a HI condition
on the powerdown bit N20.
Activation of either the IF or RF PLL powerdown conditions
in either synchronous or asynchronous modes forces the re-
spective loop’sR&N dividers to their load state condition
and debiasing of it’s respective Fin input to a high imped-
ance state. The oscillator circuitry function does not become
disabled until both IF and RF powerdown bits are activated.
The MICROWIRE control register remains active and ca-
pable of loading and latching data during all of the power-
down modes.
The device returns to an actively powered up condition in ei-
ther synchronous ar asynchronous modes immediately upon
LE latching LOW data into bit N20.
Powerdown Mode Select Table
R18
N20
Powerdown Status
0
0
PLL Active
1
0
PLL Active (Charge Pump Output
TRI-STATE)
0
1
Synchronous Powerdown Initiated
1
1
Asynchronous Powerdown Initiated
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com