Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP950 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP950
Description  PIN Sili con Pho todiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP950 Datasheet(HTML) 2 Page - OPTEK Technologies

  OP950 Datasheet HTML 1Page - OPTEK Technologies OP950 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OP950
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IL
Reverse Light Current
8
18
µA
VR = 5 V, Ee = 1 mW/cm
2(3)
ID
Reverse Dark Current
1
60
nA
VR = 30 V, Ee = 0
V(BR)
Reverse Breakdown Voltage
60
V
IR = 100
µA
VF
Forward Voltage
1.2
V
IF = 1 mA
CT
Total Capacitance
4
pF
VR = 20 V, Ee = 0, f = 1.0 MHz
tr, tf
Rise Time, Fall Time
5
ns
VR = 20 V,
λ= 850 nm, RL = 50 Ω
Typical Performance Curves
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Light Current vs. Irradiance
Switching Time Test Circuit
Light Current vs. Angular
Displacement
θ - Angular Displacement - Deg.
Test Conditions:
λ= 935 nm
VR = 5 V
Distance Lens to
Lens = 1.5 inches
Ee - Irradiance - mW/cm
2
Normalized Light Current vs
Reverse Voltage
Total Capacitance vs
Reverse Voltage
VR - Reverse Voltage - V
VR - Reverse Voltage - V
TA = 25
o C
λ= 935 nm
Normalized to VR = 5 V
TA = 25
o C
Ee = 0 mW/cm
2
f = 1 MHz
VR = 5 V
TA = 25
o C
λ= 935 nm
Normalized Light and Dark
Current vs Ambient Temperature
TA - Ambient Temperature -
oC
VR = 5 V
λ= 935 nm
Normalized to
TA = 25
o C
Dark Current
Light Current
3-59



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com