Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS.30.1F21 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TLS.30.1F21
Description  IP67 and IP69K Waterproof
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS.30.1F21 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TLS.30.1F21 Datasheet HTML 1Page - Taoglas antenna solutions TLS.30.1F21 Datasheet HTML 2Page - Taoglas antenna solutions TLS.30.1F21 Datasheet HTML 3Page - Taoglas antenna solutions TLS.30.1F21 Datasheet HTML 4Page - Taoglas antenna solutions TLS.30.1F21 Datasheet HTML 5Page - Taoglas antenna solutions TLS.30.1F21 Datasheet HTML 6Page - Taoglas antenna solutions TLS.30.1F21 Datasheet HTML 7Page - Taoglas antenna solutions TLS.30.1F21 Datasheet HTML 8Page - Taoglas antenna solutions TLS.30.1F21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DSP-15-8-SPE-15-8-069/A/SS
Page 2 of 12
1.Introduction
The Shockwave TLS.30.1F21 is a mechanically robust, waterproof, external antenna
operating at the 433MHz band with an N type female connector.
Common applications are, for example :
• mesh networks
• indoor/outdoor asset monitoring
• security systems
• remote control systems
• heavy-duty equipment/vehicle communication in harsh environments
The antenna has 55% efficiency and -1.1 dBi peak gain at ISM 433MHz on a 30x30 cm
ground plane. Stable radiation patterns over low angles provides consistent gain in the
horizontal plane, meaning that it is especially suitable for mesh networks or hot spots.
A unique indent tab on the base of the antenna allows a wrench to be used to solidly
lock the antenna on top of its mounting location while tightening up the nut beneath
the metal panel. Waterproof O-rings around the bottom base prevent water from
leaking under the antenna.
The TLS.30 antenna is IP67 waterproof and IP69K resistant against high pressure
water jets in commercial cleaning environments, which makes the antenna ideal for
ISM 433MHz applications in harsh outdoor environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com