Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE2002 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # AE2002
Description  Automotive Ethernet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

AE2002 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  AE2002 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRELIMINARY AE2002.C (4/16)
1
pulseelectronics.com
Automotive Ethernet
Common Mode Choke for BroadR-Reach
Meets AEC-Q200 Requirement
PPAP level 3 capable
Tested with leading PHY partners
Operating Temperature: - 40°C to +125°C
Member of OPEN alliance
AE2002
Mechanical
Schematic
Dimensions: Inches (mm)
Unless otherwise specified, all tolerances are ± .010 (0.25)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzhen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F No. 198, Zhongyuan Road
Zhongli City
Taoyuan County (32068)
Taiwan
Tel: 886 3 4356768
Fax: 886 3 4356823
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2016. Pulse Electronics, Inc. All rights reserved.
(4.5)
.177
(0.45)
.018
(2.8)
.110
(0.65)
.026
.027(0.7) .083(2.1)
(3.5)
.138
(5.9)
.232
(1.4)
.055
(3.2)
.125
0
5,000
10,000
15,000
20,000
25,000
110
100
1,000
Frequency (MHz)
AE2002 - Common-Mode Impedance
Electrical Specifications 25°C
Part Number
Insertion Loss
(dB MAX)
Return Loss
(dB MIN)
Common Mode Rejection
(dB MIN)
Differential to Common Mode Rejection
(dB MIN)
1 - 30 MHZ
30 - 60 MHZ
1 - 10 MHZ
30 - 60 MHZ
1 MHZ
10 - 100 MHZ
400 MHZ
1 - 10 MHZ
100 MHZ
1000 MHZ
AE2002
-0.5
-1.0
-26
-20
-24
-42
-25
-70
-50
-24
Note: f = Frequency in MHz
DCR = 5.5
Ω
Imax = 100mA


Similar Part No. - AE2002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AE2000 PULSE-AE2000 Datasheet
989Kb / 1P
Automotive Ethernet
More results

Similar Description - AE2002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AE2000 PULSE-AE2000 Datasheet
989Kb / 1P
Automotive Ethernet
logo
Keysight Technologies
N6467A KEYSIGHT-N6467A Datasheet
1Mb / 14P
BroadR-Reach Automotive Ethernet
logo
Pulse A Technitrol Comp...
H608 PULSE-H608 Datasheet
414Kb / 1P
Automotive Ethernet
logo
NXP Semiconductors
TJA1100 NXP-TJA1100 Datasheet
525Kb / 55P
100BASE-T1 PHY for Automotive Ethernet
Rev. 3-23 May 2017
SJA1105 NXP-SJA1105 Datasheet
301Kb / 34P
5-port automotive Ethernet switch
Rev. 1-7 November 2016
logo
Texas Instruments
DP83TG720S-Q1 TI-DP83TG720S-Q1 Datasheet
2Mb / 199P
DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
DP83TG720R-Q1 TI-DP83TG720R-Q1 Datasheet
2Mb / 129P
DP83TG720R-Q1 1000BASE-T1 Automotive Ethernet PHY
logo
Bel Fuse Inc.
A829-1A1T-91B BEL-A829-1A1T-91B Datasheet
794Kb / 2P
Automotive Ethernet ICMs
logo
NXP Semiconductors
TJA1101B NXP-TJA1101B Datasheet
1Mb / 58P
100BASE-T1 PHY for automotive Ethernet
Rev. 1-1 March 2021
logo
Texas Instruments
DP83TC814S-Q1 TI-DP83TC814S-Q1 Datasheet
5Mb / 177P
DP83TC814x-Q1 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com