Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B708 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # B708
Description  XDSL Splitter filter module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B708 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  B708 Datasheet HTML 1Page - Pulse A Technitrol Company B708 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XDSL SpLitter fiLter moDuLe
B8845NL
SmartER Series
POTS and ISDN CO splitter for standard ADSL / VDSL2 applications
LPF compliant with ETSI specification TS 101-952-1-4, v1.1.1
matched to DT Complex Impedance (ZR = 220 Ω + 820 Ω / 115 nF)
and ISDN 4B3T
Part of a standard series with footprint compatibility
For ADSL, ADSL2+, VDSL, and VDSL2 applications
Compliant with Broadband Forum TR-127 standard for VDSL2
applications
Patented technology US7598837, US7598839, CN1667763,
EP1644943, TWI316724, CA2531599
USA 858 674 8100 Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 62787060 China 86 755 33966678 Taiwan 886 3 4356768
www.pulseeng.com
1
B708.C (5/10)
electrical Specifications @ 25°C
PARAMETER
FREQUENCY
ISDN Impedance
1 kHz to 80 kHz
150 Ω
ISDN Insertion Loss
1 kHz to 60 kHz
1.2 dB MAX
60 kHz to 80 kHz
2.0 dB MAX
ISDN Return Loss
1 kHz to 60 kHz
16 dB MIN
60 kHz to 80 kHz
14 dB MIN
POTS Impedance
200 Hz to 4 kHz
(ZR = 220 Ω + 820 Ω/115 nF)
POTS Insertion Loss
@ 1 kHz
1.0 dB MAX
POTS Insertion Loss Distortion
200 Hz to 4 kHz
1.0 dB MAX
POTS Return Loss
300 Hz to 1.6 kHz
15 dB MIN
1.6 kHz to 3.4 kHz
12 dB MIN
POTS Group Delay Distortion
200 Hz to 4 kHz
<200 µS
Longitudinal Balance
50 Hz to 30 kHz
40 dB MIN
30 kHz to 1104 kHz
50 dB MIN
1104 kHz to 30 MHz
30 dB MIN
xDSL Insertion Loss
138 kHz to 150 kHz
55 dB MIN
150 kHz to 1.1 MHz
65 dB MIN
1.1 MHz to 30 MHz
55 dB MIN
ISDN Group Delay Distortion
1 kHz to 80 kHz
<20 µS
Metering Pulses
12 kHz and 16 kHz
3 dB MAX
DC Current
80 mA MAX
Total DC Resistance
5.8 Ω MAX
Mechanical and schematic on following page . . .


Similar Part No. - B708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7081G80V4HR-2T-N ETC2-B7081G80V4HR-2T-N Datasheet
1Mb / 2P
1U Server Platform Designed for up to 3x GPGPU
B7081G80V4HR-2T-X ETC2-B7081G80V4HR-2T-X Datasheet
1Mb / 2P
1U Server Platform Designed for up to 3x GPGPU
B7081G80V4HR-N ETC2-B7081G80V4HR-N Datasheet
1Mb / 2P
1U Server Platform Designed for up to 3x GPGPU
B7081G80V4HR-X ETC2-B7081G80V4HR-X Datasheet
1Mb / 2P
1U Server Platform Designed for up to 3x GPGPU
B7086G70V6E2HR ETC2-B7086G70V6E2HR Datasheet
1Mb / 2P
2U Rack-Optimized Server Platform for HPC
More results

Similar Description - B708

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B8849NL PULSE-B8849NL Datasheet
75Kb / 1P
XDSL SPLITTER FILTER MODULE
B8049E PULSE-B8049E Datasheet
130Kb / 1P
XDSL SPLITTER FILTER MODULE
BX8214V PULSE-BX8214V Datasheet
125Kb / 1P
XDSL SPLITTER FILTER MODULE
B600 PULSE-B600 Datasheet
625Kb / 1P
XDSL SPLITTER FILTER MODULE
B701 PULSE-B701 Datasheet
165Kb / 2P
XDSL SPLITTER FILTER MODULE
B705 PULSE-B705 Datasheet
278Kb / 2P
XDSL SPLITTER FILTER MODULE
B709 PULSE-B709 Datasheet
319Kb / 2P
XDSL SPLITTER FILTER MODULE
B710 PULSE-B710 Datasheet
530Kb / 2P
XDSL SPLITTER FILTER MODULE
B898 PULSE-B898 Datasheet
172Kb / 2P
XDSL SPLITTER FILTER MODULE
B899 PULSE-B899 Datasheet
86Kb / 2P
XDSL SPLITTER FILTER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com