Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BX2443WNL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # BX2443WNL
Description  ADSL Line Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

BX2443WNL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  BX2443WNL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B834.D (02/12)
1
pulseelectronics.com
ADSL Line Transformers
ADSL/ADSL2+ CPE Transformers for POTS and ISDN
applications, matched to Texas Instruments AR7, AU7
and AP7 chipset
Designed to meet EN60950 supplementary insulation
requirements for working voltages up to 250Vrms
BX2479H / BX2243H
BX2479H / BX2243H
Mechanicals
(and NL versions)
(and NL versions)
Schematic
Electrical Specifications @ 25°C - Operating Temperature -40°C to +85°C
RoHS-5 Compliant
Part Number
RoHS-6 Compliant
Part Number
OCL
(mH
±5%)
Turns Ratio
(line:chip)
Isolation Voltage
(Vrms)
THD @ 30kHz
(dB MIN)
BX2479H
BX2479HNL
1.50
2:1
1500
-85
BX2479W
BX2479WNL
1.50
2:1
1500
-85
BX2243H
BX2243HNL
0.40
2:1
1500
-85
BX2443W
BX2443WNL
0.40
2:1
1500
-85
BX2900W
BX2900WNL
0.10
2:1
1500
-85
Notes: 1. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part number (ex. BX2479WT and BX2479WNLT).
For Texas Instruments’ CPE Chipsets
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
Weight .....6.2 grams
Tray...............60/tray
Weight .....6.2 grams
Tray...............65/tray
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
1
1
1
1
1
1


Similar Part No. - BX2443WNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2483WT PULSE-BX2483WT Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
logo
Honeywell Solid State E...
BX24A3K HONEYWELL-BX24A3K Datasheet
1Mb / 8P
MICRO SWITCH BX/BX2 SERIES
BX24A3K-1A HONEYWELL-BX24A3K-1A Datasheet
1Mb / 8P
MICRO SWITCH BX/BX2 SERIES
BX24C4L HONEYWELL-BX24C4L Datasheet
1Mb / 8P
MICRO SWITCH BX/BX2 SERIES
More results

Similar Description - BX2443WNL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT534-1 BOURNS-PT534-1 Datasheet
170Kb / 1P
ADSL Line Transformers
PT539-1 BOURNS-PT539-1 Datasheet
201Kb / 1P
ADSL Line Transformers
PT541-1 BOURNS-PT541-1 Datasheet
201Kb / 1P
ADSL Line Transformers
SM535-1 BOURNS-SM535-1 Datasheet
182Kb / 1P
ADSL Line Transformers
logo
Datatronic Distribution...
PT534-1 DATATRONICS-PT534-1 Datasheet
89Kb / 1P
ADSL Line Transformers
SM531-1 DATATRONICS-SM531-1 Datasheet
119Kb / 1P
ADSL Line Transformers
SM535-1 DATATRONICS-SM535-1 Datasheet
103Kb / 1P
ADSL Line Transformers
SM537-1 DATATRONICS-SM537-1 Datasheet
104Kb / 1P
ADSL Line Transformers
SM538-1 DATATRONICS-SM538-1 Datasheet
113Kb / 1P
ADSL Line Transformers
SM540-1 DATATRONICS-SM540-1 Datasheet
121Kb / 1P
ADSL Line Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com