Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-337J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-337J
Description  Rail-to-rail output voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-337J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-337J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Pin Description
Ordering Information
ACPL-337J is UL Recognized with 5000 Vrms for 1 minute per UL1577.
Part number
Option
Package
Surface Mount
Tape & Reel
IEC/EN/DIN EN 60747-5-5
Quantity
RoHS Compliant
ACPL-337J
-000E
SO-16
X
X
45 per tube
-500E
X
X
X
850 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-337J-500E to order product of SO-16 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN
EN 60747-5-5 Safety Approval in RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Pin
Symbol
Description
1
VEE1
Input common
2
VIN+
Non inverting voltage control input.
3
VCC1
Input power supply (4.5 V to 5.5 V)
4
VLEDDRV
Integrated LED driver output.
5
UVLO
VCC2 undervoltage lockout feedback
6
FAULT
DESAT fault feedback
7
ANODE
Input LED anode
8
CATHODE Input LED cathode
9
VEE2
Negative power supply
10
VCLAMP
Miller current clamping output
11
VOUT
Driver output to IGBT gate
12
VCC2
Positive power supply
13
VE
Common (IGBT emitter) output supply voltage.
14
DESAT
Desaturation voltage input. When the voltage on DESAT
exceeds an internal reference voltage of 7 V while the IGBT is
on, VOUT will soft shut down and FAULT will change from High
impedance to Low logic state
15
VLED
No connection, for testing only
16
VEE2
Negative power supply
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VEE2
DESAT
VE
VOUT
VLEDDRV
VEE1
VIN+
VCC1
ANODE
CATHODE
VLED
FAULT
UVLO
VEE2
VCLAMP
VCC2
Product Overview Description
The ACPL-337J is a highly integrated power control device that incorporates all the necessary components for a
complete, isolated IGBT gate drive circuit. It features IGBT desaturation detection with soft-shutdown protection and
fault feedback, undervoltage lockout and feedback, and active Miller current clamping in a SO-16 package. Direct LED
input with or without integrated LED driver allows flexible logic configuration and differential current mode driving with
low input impedance, greatly increasing its noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com