Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-2030 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-2030
Description  Precise optical navigation technology
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-2030 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-2030 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-2030 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-2030 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-2030 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-2030 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-2030 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-2030 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-2030 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-2030 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image

Pinout of ADNS-2030 Optical Mouse Sensor
Pin Number
Pin
Description
1
SCLK
Serial port clock (input)
2
XA
XA quadrature output
3
XB
XB quadrature output
4
YB
YB quadrature output
5
YA
YA quadrature output
6
XY_LED
LED control
7
REFA
Internal reference
8
REFB
Internal reference
9
OSC_IN
Oscillator input
10
GND
System ground
11
OSC_OUT
Oscillator output
12
GND
System Ground
13
V
DD
3.3 volt power supply
14
R_BIN
LED current bin resistor
15
PD
Power Down Pin, active high
16
SDIO
Serial data (input and output)
Figure 2. Package outline drawing of ADNS-2030 optical mouse sensor.
Figure 1. Top view.
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
8
7
6
5
4
3
2
1
SCLK
XA
XB
YB
YA
XY_LED
REFA
REFB
GND
OSC_IN
OSC_OUT
GND
VDD
SDIO
PD
R_BIN
9
10
16
15
14
13
12
11
A2030
XYYWWZ
NOTES:
1. DIMENSIONS IN MM/IN.
2. DIMENSONAL TOLERANCE:
± 0.1 MM
3. COPLANARITY OF LEADS: 0.1 MM
4. LEAD PITCH TOLERANCE:
± 0.15 MM
5. CUMULATIVE PITCH TOLERANCE:
± 0.15 MM
6. ANGULAR TOLERANCE:
± 3.0°
7. MAXIMUM FLASH +0.2 MM
8. CHAMFER (25
° X 2) ON THE TAPER SIDE OF THE LEAD.
0.25
0.010
5 TYP
KAPT0N TAPE
LEAD WIDTH
LEAD OFFSET
LEAD PITCH
1.42
0.056
3.18
0.125
0.99
0.039
5.15
0.203
6.17
0.243
2.54
0.100
1.27
0.050
0.50
0.020
13.38
0.527
4.55
0.179
6.02
0.237
12.34
0.486
9.10
0.358
22.30
0.878
5.60
0.220
φ
0.80
0.032
φ
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com