Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5070 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5070
Description  Built-in LED driver for simpler circuitry
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5070 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5070 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
Theory of Operation
The ADNS-5070 is based on Optical Navigation Technol-
ogy, which measures changes in position by optically
acquiring sequential surface images (frames) and math-
ematically determining the direction and magnitude of
movement.
TheADNS-5070containsanImageAcquisitionSystem(IAS),
a Digital Signal Processor (DSP), and a two wire serial port.
The IAS acquires microscopic surface images via the lens
and illumination system. These images are processed
by the DSP to determine the direction and distance of
motion. The DSP calculates the
Δx and Δy relative dis-
placement values.
An external microcontroller reads the
Δx and Δy informa-
tion from the sensor serial port. The microcontroller then
translates the data into PS2 or USB signals before sending
them to the host PC.
Pinout of ADNS-5070 Optical Mouse Sensor
Pin
Name
Description
I/O type
1
NC
No Connect
2
NC
No Connect
3
SDIO
Serial Port Data
I/O
4
SCLK
Serial Port Clock
I
5
LED_CNTL
Digital Shutter Signal Out
O
6
GND
System Ground
Ground
7
VDD5
5V DC Input
Power
8
REFA
Internal Reference
O
Figure 1. Package outline drawing (top view)
5
6
7
8
LED_CNTL
GND
VDD5
REFA
SCLK
SDIO
NC
NC
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com