Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B32160 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3B32160
Description  3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B32160 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3B32160 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B32160 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B32160 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B32160 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8420C 05/04/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B32160
3.3V, Low Capacitance 16-Bit to 32-Bit, Demux PCI Hot Plug
BusSwitchwithPrechargedOutputsforLiveInsertion
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Ordering Information
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Ph
t
d
i
We
r
u
t
a
r
e
p
m
e
T
A
0
6
1
2
3
B
3
I
P)
6
5
A
(
P
O
S
S
T
-
6
5li
m
-
0
4
2C
º
5
8
+
o
t
C
º
0
4
–
.002
.006
SEATING PLANE
.007
.011
.004
.008
1
56
.236
.244
0.50
0.17
0.27
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
Max.
1.20
6.0
6.2
.547
.555
13.9
14.1
.319
8.1
.0197
BSC
BSC
56-Pin TSSOP (A) Package
ApplicationsInformation
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the
supplyvoltage. Forexample,givena+3.3Vsupply,INmaybedriven
lowto0Vandhighto3.6V. DrivingINRail-to-Rail®minimizespower
consumption.
Power-Supply Sequencing
Proper power-supply sequencing is recommended for all CMOS
devices. Always apply VCC before applying signals to the BIAS
voltage pin and the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com