Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEAS-7000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAS-7000
Description  Minimum mechanical alignment during installation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAS-7000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AEAS-7000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Signal-Channels A1-A11
The photocurrent of the photo diodes is fed into a
trans-impedance amplifier. The analog output of the
amplifier has a voltage swing of (dark/light) about 1.3
V.
Every output is transformed by precision
comparators
into digital signals (D1-D11).
The
threshold is at VDD/2 (=Analog-reference), regulated
by the monitor channel.
Monitor Channel with LED Control at Pins LEDR and
LERR
The analog output signal of the monitor channel is
regulated by the LED current. An internal bipolar
transistor sets this level to VDD/2 (control voltage at
pin LEDR). Thus the signal swing of each output is
symmetrical to VDD/2 (=Analog-reference)
The error bit at pin LERR is triggered if the Ve of the
internal bipolar transistor is larger than VDD/2.
Signals Channels A0, A09 with Signal Conditioning and
Calibration
These two channels give out a sine and cosine wave,
which are 90 degree phase shifted. These signals have
amplitudes which are almost constant due to the LED
current monitoring.
Due to amplifier mismatch and
mechanical misalignment, the signals have gain and
offset errors. These errors are eliminated by an adaptive
signal conditioning circuitry. The conditioning values
are on-chip preprogrammed by factory. The analog
output signals of A0 and A09 are supplied as true-
differential voltage with a peak to peak value of 2.0 V
at the pins A09P, A09N, A0P, A0N.
Interpolator for Channels A0,A09
The interpolator generates the digital signals D0,D09
and D-1 to D-4. The interpolated signals D-1 to D-4
extend the 12 bit Gray code of the signals D11….D0
to form a 16 bit Gray code.
D0 and D09 are digitized from A0 and A09.
The
channels A0-A11 and A09 have very high dynamic
bandwidth, which allows a real time monotone 12 bit
Gray code at 12000 RPM.
The interpolated 16 bit Gray code can be used up to
1000 RPM only. At more than 1000 RPM, only the 12
bit Gray code from the MSB side can be used.
LSB Gray Code Correction (Pin KORR)
This function block synchronizes the switching points
for the 11 bit Gray code of the digital signals D1 to
D11 with D0 and D09 (digitized signal of A0 and A09).
This Gray code correction only works for the 12 bit
MSB(4096 steps per revolution).
The correction is not for the 4 excess interpolated bits
of the 16 bit Gray code.
Gray code correction can be switched on or off by
putting the pin KORR =1(on) or =0(off).
MSBINV and DOUT Pins
The serial interface consists of a shift register. The
most significant bit, MSB (D11) will always be sent first
to DOUT.
The MSB can be inverted (change code
direction) by using pin MSBINV.
DIN and NSL Pins
The serial input DIN allows the configuration as ring
register for multiple transmissions or for cascading 2
or more encoders. DIN is the input of the shift register
that shifts the data to DOUT.
The NSL pin controls the shift register, to switch it
between load (1) or shift (0) mode. Under load mode,
DOUT will give the logic of the MSB, i.e., D11.
Under shift mode (0), coupled with the SCL, the register
will be clocked, and gives out the serial word output
bit by bit. As the clock frequency can be up to 16
MHz, the transmission of the full 16 bit word can be
done within 1µs.
Valid data of DOUT should be read when the SCL clock
is low. Please refer to timing diagram (Figure 3).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com