Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEAT-84AD Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAT-84AD
Description  Major component of Multi-turn housed encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAT-84AD Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AEAT-84AD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Package Dimensions
Figure 2. Block Diagram
Figure 1. Package dimensions
Notes:
1. 3rd Angle Projection
2. Dimensions are in millimeters
3. Example of matching connector: MPE GARRY 521 Series, No. BL21-43GGG-008
Block Diagram and Detailed Description
In the following descriptions, the I/O pins are enclosed by a box, e.g., MTMUX[2:0].
3
7x 3 PT's
Comparator
1 of 8-Decoder
3 x 4K7
3
3
7x 3 IR's
3
3 x 100K
MTMUX[2:0]
MTDAT[2:0]
VCC (+5V)
GND
3 x 4K7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com