Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-34JT Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-34JT
Description  1.9 A Miller Clamp Sinking Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-34JT Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-34JT Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Ordering Information
Part Number
RoHS
Compliant
Package
Surface Mount
Tape & Reel
IEC/EN/DIN EN
60747-5-5
Quantity
ACPL-34JT
-000E
SO-16
X
X
45 per tube
ACPL-34JT
-500E
X
X
X
850 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-34JT-500E to order product of SO-16 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval in RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Package Outline Drawings
16-Lead Surface Mount
Dimensions in inches (millimeters)
Lead coplanarity = 0.1mm (0.004 inches)
Floating lead protrusion = 0.25mm (10mils) max.
Recommended Lead-free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision).
Non-halide flux should be used.
9
0.295 ± 0.010
(7.493 ± 0.254)
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
0.018
(0.457)
0.138 ± 0.005
(3.505 ± 0.127)
9°
0.406 ± 0.010
(10.312 ± 0.254)
0.408 ± 0.010
(10.363 ± 0.254)
0.025 MIN.
0.345 ± 0.010
(8.763 ± 0.254)
0–8°
0.018
(0.457)
0.050
(1.270)
ALL LEADS
TO BE
COPLANAR
± 0.002
YYWW
EE
A 34JT
TYPE NUMBER
EXTENDED
DATECODE FOR
LOT TRACKING
DATE CODE
0.458 (11.63)
0.085 (2.16)
0.025 (0.64)
LAND PATTERN RECOMMENDATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com