Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2113 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # B2113
Description  Inductors And Common Mode Chokes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B2113 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  B2113 Datasheet HTML 1Page - Pulse A Technitrol Company B2113 Datasheet HTML 2Page - Pulse A Technitrol Company B2113 Datasheet HTML 3Page - Pulse A Technitrol Company B2113 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B902.E (02/12)
1
pulseelectronics.com
Inductors And
Common Mode Chokes
For Use in ADSL POTS Low Pass Filters
Excellent longitudinal balance
Inductors also available in surface mount packages
Customized inductance values available
Inductance is stable within
±10% with DC current
from 0 to 100mA
B2024 / B2025 / B2113 / B2114 / B2116 / B2117
Mechanical
Schematic
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
RoHS-5
Compliant
Part No.
RoHS-6
Compliant
Part No.
Inductance
(each winding)
(mH)
DC Resistance
(each winding)
(
Ω MAX)
Isolation Volage
(between windings)
(Vrms)
Function
Mounting
B2005
B2005NL
9.0
± 30%
0.60
1500
Common Mode Choke
THT
B2013
B20013NL
9.0 ± 30%
1.00
1500
Common Mode Choke
SMT
B2023
-
6.0
± 5%
4.00
1500
Coupled Inductor for POTS Low Pass Filter
THT
B2024
-
4.0
± 5%
3.00
1500
Coupled Inductor for POTS Low Pass Filter
THT
B2025
-
3.0
± 5%
2.50
1500
Coupled Inductor for POTS Low Pass Filter
THT
B2026
-
10.0
± 5%
4.50
1500
Coupled Inductor for POTS Low Pass Filter
THT
B2086
B2086NL
4.0
±10%
3.60
1250
Coupled Inductor for POTS Low Pass Filter
SMT
B2113
-
2.25
± 10%
2.25
500
Coupled Inductor for POTS Low Pass Filter
THT
B2114
-
1.425
± 10%
2.25
500
Coupled Inductor for POTS Low Pass Filter
THT
B2116
-
1.65
± 10%
2.25
500
Coupled Inductor for POTS Low Pass Filter
THT
B2117
-
1.35
± 10%
2.25
500
Coupled Inductor for POTS Low Pass Filter
THT
B2118
-
0.8
± 10%
2.00
500
Coupled Inductor for POTS Low Pass Filter
THT
B8098
B8098NL
4.0
± 10%
3.60
1250
Coupled Inductor for POTS Low Pass Filter
SMT
1. 100kHz, 20mVrms,. 2. 1.0kHz, 1.0Vrms, 0 mA (each winding). 3. For Tape & Reel packaging, add the suffix “T” to this part number (B2013T or B2013NLT)
Notes: The B2005 and B2013 are common mode chokes that reduce common mode voltages in the low frequency range that may be caused by telephone ringing signals or by
interference from radio transmitters in the ADSL frequency range. The chokes are also designed to accommodate DC currents up to 100mA.
3
3
3
3
3
3
1
3
4
5
8
Weight ...................9.5 grams
Tray ............................30/tray
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25


Similar Part No. - B2113

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B2113 PULSE-B2113 Datasheet
121Kb / 4P
BROADBAND xDSL, HPN, CMCs
More results

Similar Description - B2113

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
List of Unclassifed Man...
TTC-4072 ETC2-TTC-4072 Datasheet
379Kb / 2P
Common Mode Chokes & Coupled Inductors
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
RENCO ELECTRONICS, INC.
RL-4400-1H RENCO-RL-4400-1H Datasheet
1Mb / 2P
COMMON MODE CHOKES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com