Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-M62L Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M62L
Description  SO-5 package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M62L Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M62L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M62L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M62L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M62L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M62L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M62L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M62L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M62L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M62L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Ordering Information
ACPL-M62L is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Part number
Option
Package
Surface Mount
Tape & Reel
IEC/EN/DIN EN
60747-5-5
Quantity
RoHS Compliant
ACPL-M62L
-000E
SO-5
X
100 per tube
-060E
X
X
100 per tube
-500E
X
X
1500 per reel
-560E
X
X
X
1500 per reel
To order, choose a part number from the Part number column and combine with the desired option from the Option
column to form an order entry.
Example:
ACPL-M62L-560E: to order product of Small Outline SO-5 package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval in RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Package Outline Drawing
ACPL-M62L SO-5 Package
MXXX
XXX
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSC
0.15 ± 0.025
(0.006 ± 0.001)
0.71
(0.028) MIN
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
Dimensions in millimeters (inches).
Note: Floating Lead Protrusion is 0.15 mm (6 mils) max.
* Maximum Mold Flash on each side is 0.15 mm (0.006).
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)
8.26
(0.325)
1.80
(0.071)
2.54
(0.10)
1.27
(0.05)
0.64
(0.025)
4.39
(0.17)
LAND PATTERN RECOMMENDATION
RoHS-COMPLIANCE
INDICATOR
PART NUMBER
DATE CODE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com