Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-800J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-800J
Description  Under-Voltage Detection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-800J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-800J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Tx LED
Driver
Tx
TIA
G T2
Tx -en
Detection
Line Driver
Control
VCC2 UVD
Load
Detection
Over -Temp
Detection
Rx LED
Driver
Rx
TIA
Status
Detection
G R2
Control IC
Line IC
Rx -Amp -in
Rx -out
Tx -in
VCC1
Tx -en
GND1
Rx -PD -out
Status
Tx -PD -out
Tx -LD -in
Tx -out
Rx -in
R ref
VCC2
GND2
C ext
1
2
7
8
5
6
4
3
10
9
11
16
14
15
12
13
Status Logic
AGC
Shield
Shield
Amp
Tx LED
Driver
Tx
TIA
G T2
Tx -en
Detection
Line Driver
Control
VCC2 UVD
Load
Detection
Over -Temp
Detection
Rx LED
Driver
Rx
TIA
Status
Detection
G R2
Control IC
Line IC
Rx -Amp -in
Rx -out
Tx -in
VCC1
Tx -en
GND1
Rx -PD -out
Status
Tx -PD -out
Tx -LD -in
Tx -out
Rx -in
R ref
VCC2
GND2
C ext
1
2
7
8
5
6
4
3
10
9
11
16
14
15
12
13
Status Logic
AGC
Shield
Shield
Amp
1
Tx -in
Tx -en
VCC1
Status
Rx -out
Rx -in
Rx -PD -out
Rx -Amp -in
GND1
GND2
C ext
Tx -out
R ref
Tx -PD -out
Tx -LD -in
VCC2
2
3
4
5
6
7
8
16
9
15
14
13
12
11
10
Block Diagram
Package Pin Out
Pin Descriptions
Pin No.
Symbol
Description
1
Tx-en
Transmit Enable Input
2
Tx-in
Transmit Input Signal
3
Rx-PD-out
Rx Photodetector Output
4
Rx-Amp-in
Receiver Output Amplifier Input
5
Status
Signal indicating Line Condition
6
Rx-out
Receiving Signal Output
7
V
CC1
5 V Power Supply
8
GND1
VCC1 Power Supply Ground
9
R
ref
Sets Line Driver biasing current, typically 24 kΩ
10
Rx-in
Receiving Signal Input from Powerline
11
C
ext
External Capacitor
12
Tx-LD-in
Tx Line Driver Input
13
Tx-PD-out
Tx Photodetector Output
14
V
CC2
5 V Power Supply
15
Tx-out
Transmit Signal Output to Powerline
16
GND2
VCC2 Power Supply Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com