Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7601 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7601
Description  Isolated line receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7601 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7601 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Regulatory Information
The HCPL-7601 and HCPL-7611
have been approved by the
following organizations:
UL
Approved under UL 1577,
component recognition FILE
E55361).
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01
This optocoupler is suitable for
“safe electrical isolation” only
within the safety limit data.
Maintenance of the safety data
shall be ensured by means of
protective circuits.
Can be used for safe electrical
separation between ac mains and
SELV (safety extra-low voltage) in
equipment according to the
following specifications:
DIN VDE 0804/05.89
DIN VDE 0160/05.88
Reference voltage (VDE 011b Tab
4): 630 Vac.
CSA
Approved under CSA22.2 No. 0 -
General Requirements, Canadian
Electrical Code, Part II; and CSA
Component Acceptance Notice #5,
File CA 88324.
The HCPL-7601/11 family offers
many features that are especially
beneficial to system designers. The
low input current requirements
and guaranteed switching
threshold (2 mA max.) allows the
LED to be driven directly by any
standard high-speed CMOS gate
(e.g. 74HC/HCT). This will simplify
designs by eliminating the need for
special driver circuits and result in
lower part counts and greater
system reliability while freeing up
valuable printed circuit board
space.
The wide current input range of
2 mA to 10 mA and guaranteed ac
and dc performance over a wide
temperature range will also
simplify designs. Low supply
current requirements mean lower
power dissipation allowing for the
use of a smaller, less expensive
power supply. The high speed
(10 Mbd typ.) and low propagation
delay skew (Tpsk ≤ 40 ns
guaranteed) allow for easier
design of high speed parallel
applications. The world-wide
regulatory approval (UL/CSA/IEC/
EN/DIN EN 60747-5-2) will
facilitate the acceptance of the end
product in international markets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com