Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-339J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-339J
Description  Dual output drive for external NMOS and PMOS buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-339J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-339J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-339J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-339J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-339J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-339J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-339J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-339J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-339J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-339J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Pin Description
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
DESAT
VCC2
NC
VOUTN
VGMOS
VEE
NC
FAULT
VGND1
CATHODE
VCC1
ANODE
CATHODE
VGND1
VOUTP
Pin Symbol
Description
1
NC
No connection
2
CATHODE
Cathode
3
ANODE
Anode
4
CATHODE
Cathode
5
VGND1
Input ground
6
VCC1
Positive input supply voltage (3.3 V ± 5%, 5 V ± 5%)
7
FAULT
Fault output. FAULT changes from logic low to high output:
a) after TBLANK (set by CBLANK and the internal current source of
250 µA), once the voltage on the DESAT pin exceeding an internal
reference voltage of 8 V (reference to VE)
b) UVLO condition
8
VGND1
Input ground
9
VEE
Output supply voltage
10 NC
No connection
11 VOUTN
Low side voltage output
12 VOUTP
High side voltage output
13 VCC2
Positive output supply voltage
14 VGMOS
VGMOS will switch from VEE to VE after DESAT is activated
15 DESAT
Desaturation voltage input. When the voltage on DESAT exceeds
an internal reference voltage of 8 V while the IGBT is on, FAULT and
VGMOS outputs are changed from logic low to high state.
16 VE
Common (IGBT emitter) output supply voltage
Ordering Information
ACPL-339J is UL Recognized with 5000 Vrms for 1 minute per UL1577.
Part number
Option
Package
Surface Mount
Tape & Reel
IEC/EN/DIN EN 60747-5-5
Quantity
RoHS Compliant
ACPL-339J
-000E
SO-16
X
X
45 per tube
-500E
X
X
X
850 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-339J-500E to order product of SO-16 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN
EN 60747-5-5 Safety Approval in RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com