Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-798J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-798J
Description  Optically Isolated Sigma-Delta Modulator with LVDS Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-798J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-798J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Pin Configuration and Descriptions
Figure 2. Pin configuration.
Table 2. Ordering Information
Part number
Option
(RoHS Compliant)
Package
Tape & Reel
IEC/EN/DIN
EN 60747-5-5
Quantity
ACPL-798J
-000E
SO-16
X
45 per tube
-500E
X
X
850 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example:
ACPL-798J-500E to order product in Tape and Reel packaging.
Contact your Avago sales representative or authorized distributor for information.
Table 1. Pin descriptions.
Pin No.
Symbol
Description
1,7
VDD1
Supply voltage for input side relative to GND1.
2
VIN+
Positive analog input, recommended input range ±200 mV.
3
VIN–
Negative analog input, recommended input range ±200 mV (normally connected to GND1).
4,8
GND1
Supply ground for signal input side.
5,6,15
NC
No connection. Leave floating.
9, 16
GND2
Supply ground for data output side (digital side).
11
MDAT+
Positive LVDS modulator data output.
10
MDAT-
Negative LVDS modulator data output.
13
MCLKIN+
Positive LVDS modulator clock input
12
MCLKIN-
Negative LVDS modulator clock input
8
VDD2
Supply voltage for output side, referenced to GND2.
VDD1 1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN+
VIN−
GND1
NC
NC
VDD1
GND1
GND2
NC
VDD2
MCLKIN
+
MCLKIN
−
MDAT
+
MDAT
−
GND2
ACPL-798J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com