Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-K49U Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K49U
Description  High Temperature and Reliability low speed digital interface for Industrial Application.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K49U Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-K49U Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Ordering Information
Specify part number followed by option number (if desired).
Part number
Option
(RoHS Compliant)
Package
Surface
Mount
Tape
& Reel
UL 5000 Vrms/
1 Minute rating
Quantity
ACPL-K49U
-000E
Stretched
SO-8
X
X
80 per tube
-500E
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-K49U-500E to order product of SSO-8 Surface Mount package in Tape and Reel packaging with RoHS compliance.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Outline Drawing (Stretched SO8)
5.850 ± 0.254
(0.230 ± 0.010)
5
6
7
8
4
3
2
1
Dimensions in millimeters and (inches).
Note:
Lead coplanarity = 0.1 mm (0.004 inches).
Floating lead protrusion = 0.25mm (10mils) max.
6.807 ± 0.127
(0.268 ± 0.005)
RECOMMENDED LAND PATTERN
12.650
(0.498)
1.905
(0.075)
3.180 ± 0.127
(0.125 ± 0.005)
0.381 ± 0.127
(0.015 ± 0.005)
1.270
(0.050) BSG
7°
0.254 ± 0.100
(0.010 ± 0.004)
0.750 ± 0.250
(0.0295 ± 0.010)
11.50 ± 0.250
(0.453 ± 0.010)
1.590 ± 0.127
(0.063 ± 0.005)
0.450
(0.018)
45°
RoHS-COMPLIANCE
INDICATOR
0.64
(0.025)
0.200 ± 0.100
(0.008 ± 0.004)
PART NUMBER
DATE CODE
KXXX
YWW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com