Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-K376 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K376
Description  Isolated Voltage/Current Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K376 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-K376 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-K376 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K376 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K376 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K376 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K376 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K376 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K376 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K376 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Table 1.
Ordering Information
The ACPL-K370 and ACPL-K376 are UL recognized with 5000 Vrms for 1 minute per UL1577.
Part number
Option
Package
Surface Mount
Tape
& Reel
IEC/EN/
DIN EN
60747-5-2
Quantity
RoHS
Compliant
ACPL-K370
ACPL-K376
-000E
Stretched
SO-8
X
80 per tube
-060E
XX
80 per tube
-500E
XX
1000 per reel
-560E
XXX
1000 per reel
To form a complete ordering part number, choose a part number from the part number column and combine it with the
desired option from the option column.
Example 1:
ACPL-K370-560E orders an RoHS compliant part with an IEC/EN/DIN EN 60747-5-5 certification and Tape & Reel
packaging.
Package Outline Drawings
Stretched SO-8 Package (SSO-8)
5.850 ± 0.50
(0.230 ± 0.010)
5
6
7
8
4
3
2
1
Dimensions in millimeters and (inches).
Lead coplanarity = 0.1 mm (0.004 inches).
6.807 ± 0.127
(0.268 ± 0.005)
RECOMMENDED LAND PATTERN
12.650 (0.5)
1.905 (0.1)
3.180 ± 0.127
(0.125 ± 0.005)
0.381 ± 0.130
(0.015 ± 0.005)
1.270
(0.050) BSG
7°
(0.453 ± 0.010)
(0.008 ± 0.004)
(0.0295 ± 0.010)
0.200 ± 0.100
0.750 ± 0.250
11.50 ± 0.250
(0.063 ± 0.005)
1.590 ± 0.127
(0.018)
0.450
45°
Z = OPTION CODE[1]
RoHS-COMPLIANCE
INDICATOR
PART NUMBER
DATE CODE
K370
Z
YYWW
Note 1. “V” = Options comprise 060; other options are not marked.
Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com