Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-8100 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-8100
Description  High Current Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-8100 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-8100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-8100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-8100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-8100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-8100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-8100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-8100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-8100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-8100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image

Package Pin Out
Block Diagram
Pin Descriptions
Pin No. Symbol
Function
Description
1
Status
Line condition
detection
A logic high indicates line conditions such as- under-
voltage when VCC < 4 V- load detection when ITx-out
< -0.25 A- over-temperature (thermal shutdown)
2
Tx-en
Transmit enable
A logic high enables the Tx-out;A logic low disables
the Tx-out and changes it to high impedance state
3
Tx-in
Transmit input
Transmit signal input
4
Rref
Resistor reference
Sets line driver biasing current, typically 24 kW
5, 6
GND
Power supply ground
Power supply and signal ground
7
VCC
5 V power supply
5 V power supply
8
Tx-out
Transmit output
Transmit signal output, to be enabled by Tx-en
1
Tx-en
Status
Tx-in
R ref
Tx-out
VCC
GND
GND
2
3
4
5
6
7
8
Amp
Under-Volt
Detection
Load
Detection
Over-Temp
Detection
Status
Output
Tx-in
Tx-en
Status
Rref
GND
2
1
7
3
4
8
6
GND
5
VCC
Tx-out
Ordering Information
Part number
Option
Packaging
Surface Mount
Tape & Reel
Quantity
RoHS Compliant
HCPL-0810
-000E
SO-8
X
100 per tube
-500E
SO-8
X
X
1500 per reel
HCPL-8100
-000E
300mil DIP-8
50 per tube
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-0810-500E to order product of SO-8 package in Tape and Reel packaging and RoHS compliant.
Example :
HCPL-8100-000E to order product of 300mil DIP-8 package in Tube packaging and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation‘#XXX’is used for existing products, while (new) products launched since 15th July 001 and RoHS
compliant option will use ‘-XXXE‘.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com