Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012B Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 2012B
Description  Direct-Wire Smoke Detector with Built-in Relay and Horn
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2012B Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  2012B Datasheet HTML 1Page - Systemsensor advanced ideas. 2012B Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Models Available
1012B Ionization Detector
2012B Photoelectronic Detector
1012B/2012B
Direct-Wire Smoke Detector
with Built-in Relay and Horn
© System Sensor 8/96
This document is not intended to be used for installation purposes.
A05-238-02
A Division of Pittway
3825 Ohio Avenue, St. Charles, IL 60174
1-800-SENSOR2 (736-7672), Fax 630-377-6495
http://www.systemsensor.com
Features
• 12 VDC operation, 4-wire
• Built-in 85dB electronic horn
• Built-in relay can be connected to lights, bells, horns,
remote annunciator, or control panel
• Interconnectable up to 12 units
• Visual alarm and power indicator
• Ceiling white color
• Built-in 8 second delay on relay output
• Built-in test switch
• Twist-on mounting bracket with tamper option for easy
installation
• Improved chamber design for greater stability
• Same housing design for both ion and photo models
• 3-year warranty
Compact, attractive,
and easy to install, System Sensor
1012B and 2012B detectors are designed to respond to a
broad range of fires while providing maximum stability.
Both units in this series feature low-voltage wiring,
allowing you to choose the detector that best suits your
application.
Electrical Ratings
Operating Voltage:
12 VDC (nominal)
Relay Contact Rating:
1 Form A, .5 A @ 30 VDC
Standby Current:
50
µA maximum average
Alarm Current:
20 mA maximum average
@ 12 VDC
Temperature Range:
32
° to 120°F (0° to 50° C)
Specifications
Size:
1.75
″ h × 5.5″ dia.
(44.5 mm h
× 140 mm dia.)
Weight:
5.3 oz. (150 grams)
Humidity Range:
10% to 93% RH, noncondensing
Smoke Detector Spacing:
On smooth ceilings (as defined in NFPA 72), spacing of
30 feet (900 sq. ft.) may be used as a guideline. Other
spacing may be used depending on ceiling height, high
air movements, and other conditions or response
requirements.


Similar Part No. - 2012B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2012B SYSTEMSENSOR-2012B Datasheet
166Kb / 2P
Direct-Wire Smoke Detector with Built-in Relay and Horn
More results

Similar Description - 2012B

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
logo
Systemsensor advanced i...
400SERIES SYSTEMSENSOR-400SERIES Datasheet
288Kb / 4P
Direct-Wire Photoelectronic Smoke Detector
2012H SYSTEMSENSOR-2012H Datasheet
164Kb / 2P
Direct-Wire Smoke Detector with Built-in Relay and Horn
1012B SYSTEMSENSOR-1012B Datasheet
166Kb / 2P
Direct-Wire Smoke Detector with Built-in Relay and Horn
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Systemsensor advanced i...
A05-0194 SYSTEMSENSOR-A05-0194 Datasheet
283Kb / 4P
400 Series Direct-Wire Photoelectronic Smoke Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com