Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-AM70 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AM70
Description  High brightness material
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM70 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AM70 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM70 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM70 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM70 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM70 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM70 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM70 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM70 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM70 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Part Numbering System
Device Selection Guide
Part Number
Color and Dominant
Wavelength d (nm)
Typ [3]
Luminous Intensity Iv (mcd) at 20
mA [1,2,4]
Stand-off
Package Drawing
Min.
Max.
HLMP-AB70-TWBDD
Blue 470
800
1660
No
A
HLMP-AB70-TWCDD
Blue 470
800
1660
No
A
HLMP-AB71-TWBDD
Blue 470
800
1660
Yes
B
HLMP-AB71-TWCDD
Blue 470
800
1660
Yes
B
HLMP-AM70-24BDD
Green 525
3500
6050
No
A
HLMP-AM70-24CDD
Green 525
3500
6050
No
A
HLMP-AM71-24BDD
Green 525
3500
6050
Yes
B
HLMP-AM71-24CDD
Green 525
3500
6050
Yes
B
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength, d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4. Tolerance for each bin limit is ± 15%
Packaging Option
DD: Ammopack
Color Bin Selection
B : Color bin 2 and 3
C : Color bin 3 and 4
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Standoff / Non Standoff
70 : Without Standoff
71 : With Standoff
Color
B : Blue
M : Green
Package
A : 5 mm Mini Oval 30° x 70°
HLMP – A x xx – x x x xx
Note:
Please refer to AB 5337 for complete information about part numbering system.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com