Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-KA45 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-KA45
Description  T-1 (3 mm) High Intensity InGaN Lamp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-KA45 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-KA45 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-KA45 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Ordering Information
Mechanical Option
00: Bulk
Color Bin Selection
0: Full color bin distribution
Maximum Iv Bin Options
0: Open (No maximum limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Viewing Angle
45:50 degree
Color
A: Blue
Package
K: T-1
HLMP-X X XX – X X X XX
Absolute Maximum Ratings at TA = 25 °C
Parameter
HLMP-KA45 (Blue)
Unit
DC Forward Current[1]
30
mA
Peak Pulsed Forward Current [2]
100
mA
Power Dissipation
116
mW
LED Junction Temperature
115
°C
Operating Temperature Range
–35 to +85
°C
Storage Temperature Range
–35 to +85
°C
Note:
1. Derate linearly as shown in Figure 4.
2. Duty factor = 10%, Frequency = 1 kHz.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com