Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B210LP Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # B210LP
Description  200 Series Intelligent Low-Profile Plug-In Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B210LP Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  B210LP Datasheet HTML 1Page - Systemsensor advanced ideas. B210LP Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
200 Series
Intelligent Low-Profile
Plug-In Detectors
The System Sensor 200 Series intelligent plug-in
smoke detectors with integral communication provide
point location for alarm communication and selective
maintenance.
Features
• Sleek, low-profile design
• Analog communications
• Low standby current
• Rotary address switches
• Superior EMI protection
• Dual LEDs for 360° visibility
200 Series smoke detectors are intelligent (addressable) detectors
with point ID capability that enable each detector address to be set
with decade address switches to provide exact detector locations.
The sensitivity of 200 Series detectors can be programmed using the
control panel software to suit the environment. In addition, detector
sensitivity is continually monitored and reported to the panel.
The System Sensor 2251B photoelectric detector’s unique
optical sensing chamber is engineered to sense smoke produced by
a wide range of combustion sources. Dual electronic thermistors add
135°F fixed temperature thermal sensing on the 2251TB model.
The 2251BR is a remote test capable detector for use with DNR(W)
duct smoke detectors.
The Acclimate® 2251TMB photoelectric detector includes
thermal detection at 135°F. It uses advanced onboard software to
combine the signals from the photo and thermal elements to create
a true multi-criteria detector capable of rejecting nuisance sources,
but still responding quickly to real fires. Separate photo and thermal
elements also allow the Acclimate detector to provide different
responses to smoke or heat. In addition, the Acclimate detector can
adjust its sensitivity according to its environment.
The 1251B ionization detector incorporates a unique single-source,
dual-chamber design to respond quickly and dependably to a broad
range of fires.
Both the 5251B and 5251RB detectors use an innovative
thermistor sensing circuit to produce 135°F fixed and rate-of-rise
thermal detection in low-profile packages. The 5251H model
provides fixed high-temperature detection at 190°F. These thermal
detectors provide cost-effective, intelligent property protection in a
variety of applications.
For exact certification listings for each model, please reference the
respective agency Web site.


Similar Part No. - B210LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
Low-Profile Intelligent Combination Smoke Detector
B210LP SYSTEMSENSOR-B210LP Datasheet
492Kb / 2P
Intelligent Low Profile Plug-in Detectors
logo
Gamewell-FCI by Honeywe...
B210LP GAMEWELL-FCI-B210LP Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
B210LP GAMEWELL-FCI-B210LP Datasheet
63Kb / 2P
Single-Ended Reflected Type Beam Smoke Sensor
B210LP GAMEWELL-FCI-B210LP Datasheet
64Kb / 2P
Advanced Multi-Criteria Detector with Four Unique Sensing Elements
More results

Similar Description - B210LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
Low-Profile Plug-in Intelligent Laser Smoke Detector
2151 SYSTEMSENSOR-2151 Datasheet
265Kb / 2P
Low-Profile Plug-in Smoke Detectors
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
Intelligent Low-Flow Duct Smoke Detectors
2251B SYSTEMSENSOR-2251B Datasheet
492Kb / 2P
Intelligent Low Profile Plug-in Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
1151 SYSTEMSENSOR-1151 Datasheet
87Kb / 4P
Low Profile Ionization Plug-in Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
Intelligent Photoelectric Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
Intelligent Addressable Plug-In Thermal (Heat) Detectors
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
Intelligent Low-Flow Photoelectric Duct Smoke Detectors
logo
Systemsensor advanced i...
A05-0205 SYSTEMSENSOR-A05-0205 Datasheet
231Kb / 2P
400 Series Plug-In Thermal Detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com