Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOD400R Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # MOD400R
Description  500 Series Intelligent Sensors with Integral Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

MOD400R Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  MOD400R Datasheet HTML 1Page - Systemsensor advanced ideas. MOD400R Datasheet HTML 2Page - Systemsensor advanced ideas. MOD400R Datasheet HTML 3Page - Systemsensor advanced ideas. MOD400R Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Models Available
1551B Ionization Sensor
2551HR Photoelectronic Sensor
5551B Fixed Temperature Thermal Sensor
2551THR High Resolution Photo Sensor with Thermal
5551R Rate-of-Rise/Fixed Temperature Thermal Sensor
500 Series™
Intelligent Sensors with
Integral Communications
© System Sensor 4/97
This document is not intended to be used for installation purposes.
A05-228-01
A Division of Pittway
3825 Ohio Avenue, St. Charles, IL 60174
1-800-SENSOR2 (736-7672), Fax 630-377-6495
http://www.systemsensor.com
Features
• Low standby current
• Shielded electronics
• Noise immunity provides stable communications
• Compact, stylish design
• Sensor plugs easily into base
• Built-in tamper-resist feature
• Sealed against dirt, insects, and back pressure
• SEMS screws for easy wiring
• Easy to use decade address switches
• Built-in type ID
System Sensor Intelligent Sensors
offer features and
performance that surpass conventional sensors. The
sensitivity of models 1551B, 2551HR, and 2551THR can be
“set” individually in the panel software. The sensors may
be continuously monitored for changes in sensitivity and
compensate for dirt, temperature, or humidity to maintain
the set sensitivity. Model 5551R offers a rate-of-rise
temperature response while the 5551B offers a fixed
temperature response.
Specifications – 2551HR, 2551THR
Dimensions
Height:
3.2
″ (8.1 cm), detector in base
(add .5
″ [1.27 cm] for thermal)
Diameter:
4.0
″ (10.2 cm) installed in
B501 base
6.1
″ (15.5 cm) installed in
B501B base
Shipping Weight:
9.6 ounces (272 g)
Temperature Range
2551HR:
32
° to 120°F (0° to 49°C)
2551THR:
32
° to 100°F (0° to 38°C)
Humidity Range:
10% to 93% RH noncondensing
Air Velocity Rating:
3,000 fpm
Operating Voltage:
15–32 VDC peak, 6.5 mA
current for visible LEDs
latched on
Standby Current:
230
µA
Sensor (2551HR):
Photoelectronic
(scattering principle)
Thermal Sensor
(2551THR):
135
°F fixed temperature alarm
Smoke Detector Spacing:
On smooth ceilings (as defined in NFPA 72) spacing of
30 feet (900 sq. ft.) may be used as a guide. See NFPA
72 for more details on spacing requirements.
APPROVED
MSFM


Similar Part No. - MOD400R

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
MOD400R SYSTEMSENSOR-MOD400R Datasheet
163Kb / 2P
Field Sensitivity Test Module
MOD400R SYSTEMSENSOR-MOD400R Datasheet
487Kb / 4P
Photoelectronic Smoke Detector
MOD400R SYSTEMSENSOR-MOD400R Datasheet
169Kb / 2P
High-Temperature Duct Smoke Detector
MOD400R SYSTEMSENSOR-MOD400R Datasheet
761Kb / 2P
Photoelectronic Smoke detector with Electronic Heat Sensing
logo
Gamewell-FCI by Honeywe...
MOD400R GAMEWELL-FCI-MOD400R Datasheet
53Kb / 2P
Ionization Detector
More results

Similar Description - MOD400R

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM16C550 HYNIX-GM16C550 Datasheet
205Kb / 22P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFOs
logo
Intel Corporation
CD1865 INTEL-CD1865 Datasheet
1Mb / 150P
Intelligent Eight-Channel Communications Controller
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
Intelligent Display Module with
logo
Systemsensor advanced i...
2551HR SYSTEMSENSOR-2551HR Datasheet
51Kb / 4P
Photoelectronic Sensors with Communications
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
Intelligent MP Series
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
Integral fan cooling with speed control
logo
Systemsensor advanced i...
MDDS743 SYSTEMSENSOR-MDDS743 Datasheet
171Kb / 2P
500 Series Intelligent Modules
logo
KISTLER INSTRUMENT CORP...
9215A KISTLER-9215A Datasheet
274Kb / 5P
Sensors for Small Forces –0,5 ... 0,5 N to –500 ... 500 N
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
NUMERIC DISPLAYS WITH INTEGRAL DRIVER
logo
List of Unclassifed Man...
B100XXL ETC-B100XXL Datasheet
405Kb / 11P
LED displays with integral driver
Ver 1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com