Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-9343FGZ-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9343FGZ-S6A1E
Description  DM&P Vortex86DX 800MHz 3.5" SBC, Ultra Low Power, Onboard Memory, Dual Ethernet, CF, PC/104
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9343FGZ-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9343FGZ-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9343FGZ-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Embedded Single Board Computers
Block Diagram
PCM-9343
Ordering Information
Part No.
CPU
CPU
Frequency
Onboard
Memory
TTL
LVDS
VGA 10/100
Ethernet
RS-232/
422/485 RS-232
USB
2.0
CF SATA Expansion Thermal
Solution
Operational
Temp.
PCM-9343EL-S6A1E
Vortex86DX 800 MHz
256 MB
-
-
-
1
1
1
2
1
-
PC/104
Passive
0 ~ 60° C
PCM-9343EF-S6A1E
Vortex86DX 800 MHz
256 MB
18/24-bit
18/24-bit Yes
1
1
3
4
1
1
PC/104
Passive
0 ~ 60° C
PCM-9343EFG-S6A1E
Vortex86DX 800 MHz
512 MB
18/24-bit
18/24-bit Yes
2
1
3
4
1
1
PC/104
Passive
0 ~ 60° C
PCM-9343FGZ-S6A1E
Vortex86DX 800 MHz
512 MB
18/24-bit
18/24-bit Yes
2
1
3
4
1
1
PC/104
Passive
-20 ~ 80° C
PCM-9343FGZ2-S6A1E Vortex86DX 800 MHz
512 MB
18/24-bit
18/24-bit Yes
2
1
3
4
1
1
PC/104
Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Optional Accessories
Part No.
Description
1703150102
SATA 10 cm Power cable
Embedded OS/API
Embedded OS/API
Part No.
Description
WinCE
2070009764
CE 5.0 Pro PCM-9343 V1.3 ENG
2070009537
Image CE 6.0 Pro PCM-9343 V1.3 ENG
2070010821
Image CE 7.0 Pro PCM-9343 ENG
Win XPE
2070009528
Image XPE for PCM-9343 ENG
2070009529
Image XPE for PCM-9343 24MUI
QNX
6.4.1
Vxwork
5.5
Linux
Ubuntu 10.04.1
Software API
2056343000
SUSI 3.0 SW API for PCM-9343
B:20100122 XP
Packing List
Part No.
Description
Quantity
PCM-9343 SBC
Startup Manual
Utility CD
1700008894
SATA 7P 30 cm cable
1
1700060202
PS2 6P x 2 20 cm cable
1
1700100250
COM3/4 IDE D-SUB 25 cm cable
2
1701140201
COM2 IDE D-SUB 20 cm cable
1
1700260250
LPT IDE 26P D-SUB 25 cm cable
1
1703100121
USB 2 x 5P-2.0 12 cm W/BKT cable
1
1700017863
Ethernet cable RJ45 15cm
(PCM-9343EFG/FGZ use)
1
9689000002
mini jumper pack
1
1960047356N001
Heatsink for DM&P Vortex86DX
(27x27x6.3mm)
1
Rear I/O View
ISA Bus
10/100 Ethernet
MAC+PHY
USB 2.0 x 4
4 port USB 2.0
PCI Bus
PS/2
LPT x 1
COM x 4
(COM2: RS-232/422/485)
(COM1/3/4: RS-232)
16Mbit
SPI BIOS
PS2 KB/MS
RTL8110SC
Ethernet
10/100 Ethernet
18/24-bit LVDS
4 MB
SPI EEROM
(Optional)
256MB/512MB
DDR2 on board
SATA
PC/104
VGA
18/24-bit TTL
TTL-LVDS
transmitter
VGA
TTL
CompactFlash
IDE to SATA
16-bit GPIO
DM&P Vortex86DX
SMI 712



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com