Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY02-PLL Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # SY02-PLL
Description  CLOCK/SYNCHRONIZER - SY02-PLL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-PLL Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  SY02-PLL Datasheet HTML 1Page - Raltron Electronics Corporation SY02-PLL Datasheet HTML 2Page - Raltron Electronics Corporation SY02-PLL Datasheet HTML 3Page - Raltron Electronics Corporation SY02-PLL Datasheet HTML 4Page - Raltron Electronics Corporation SY02-PLL Datasheet HTML 5Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SYNCHRONOUS EQUIPMENT
CLOCK/SYNCHRONIZER - SY02-PLL
RALTRON ELECTRONICS CORP. 10651 N.W.19
th St Florida 33172 U.S.A.
Tel: 305 593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
• DESCRIPTION
The SY02-PLL is a Phase Lock Loop has been designed as a module level subsystem for easy incorporation into
telecommunication equipment. The module generates the output from a low jitter VCXO. The SY02-PLL can lock to
one of four reference frequencies from 8 to 64kHz that can be selected using to external select pins. The counters,
phase detector and other logic are implemented in programmable logic. The loop bandwidth is optimized according
to used VCXO and wanted output performance. The two output signals monitor the status of the phase loop LOL
(Loss of Lock) and LOR (Loss of Reference). The two control inputs provides module to go into free-run regardless
of the reference (FREE_RUN) and to the tri-state high impedance output (OUT EN). The SMD package dimensions
are 19.4 x 20.3 mm and power supply is 3.3V.
- INPUT REFERENCE SELECTION
IN-A
IN-B
REFERENCE SELECTED
0
0
8KHz (default)
1
0
16KHz
0
1
32KHz
1
1
64KHz
- OUTPUT PROGRAMMING
EN OUT
FREE-RUN
OUTPUT
0
0
Locked to Reference
1
X
Hi-Z Tri-State
0
1
Free-Run
- ALARM STATES
LOL
LOR
ALARM
0
0
No alarm
1
0
Loss of Lock
0
1
Loss of Reference
MUX,
FPD,
Counters
&
Logic
LOOP
FILTER
VCXO
IN-A
IN-B
REF IN
LOR
REF OUT
J-TAG PORT
OUT
EN OUT
FREE-RUN
LOL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com