Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY02-PLL2 Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # SY02-PLL2
Description  CLOCK/SYNCHRONIZER - SY02-PLL2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-PLL2 Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  SY02-PLL2 Datasheet HTML 1Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 2Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 3Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 4Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 5Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SYNCHRONOUS EQUIPMENT
CLOCK/SYNCHRONIZER - SY02-PLL2
RALTRON ELECTRONICS CORP.
!!!! 10651 N.W.19
th St !!!! Florida 33172 !!!! U.S.A.
Tel: 305 593-6033
!!!! Fax: 305-594-3973 !!!! e-mail: sales@raltron.com !!!! Internet: http://www.raltron.com
• DESCRIPTION
The SY02-PLL2 is a Phase Lock Loop has been designed as a module level subsystem for easy incorporation into
telecommunication equipment. The module generates the output from a low jitter VCXO and provides recovered
signal as secondary output. The SY02-PLL2 has two reference inputs with frequencies that can be selected by user
from 8 to 77.76MHz. The input reference selection pin (CNT) selects which reference will be used. The loop
bandwidth is optimized according to used VCXO and wanted output performance. The ALARM output signal
monitors the status of the phase loop in case of Loss of Lock (LOL) and Loss of Reference (LOR) both internal
signals. The two control inputs provides module to go into free-run regardless of the reference (FREE_RUN) and to
the tri-state high impedance output (OUT EN). The SMD package dimensions are 19.4 x 20.3 mm and power supply
is 3.3V.
- INPUT REFERENCE SELECTION
CNT
Reference selected
0
REF A
1
REF B
- OUTPUT PROGRAMMING
EN OUT
FREE-RUN
FRS output
OUTPUT
0
0
0
Locked to Reference
1
X
0
Hi-Z Tri-State
0
1
1
Free-Run
- ALARM STATES
LOL
LOR
ALARM
0
0
0 -No alarm
1
0
1- Loss of Lock
0
1
1-Loss of Reference
MUX,
FPD,
Counters
&
Logic
LOOP
FILTER
VCXO
REFB
REFA
CNT
ALARM
REF OUT
J-TAG PORT
OUT
EN OUT
FREE-RUN
FRS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com