Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2355TM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2355TM
Description  PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2355TM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2355TM Datasheet HTML 1Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Absolute Maximum Ratings (Notes 1, 2)
Parameter
Symbol
Value
Units
Min
Typ
Max
Power Supply Voltage
V
CCRF
−0.3
6.5
V
V
CCIF
−0.3
6.5
V
Vp
RF
−0.3
6.5
V
Vp
IF
−0.3
6.5
V
Voltage on any pin with GND = 0V
Vi
−0.3
V
CC + 0.3
V
Storage Temperature Range
Ts
−65
+150
C˚
Lead Temperature (Solder 4 sec.)
T
L
+260
C˚
Recommended Operating Conditions
Parameter
Symbol
Value
Units
Min
Typ
Max
Power Supply Voltage
V
CCRF
2.7
5.5
V
V
CCIF
V
CCRF
V
CCRF
V
V
pRF
V
CC
5.5
V
V
pIF
V
CC
5.5
V
Operating Temperature
T
A
−40
+85
˚C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 2: This Device is a high performance RF integrated circuit with an ESD rating < 2kV and is ESD sensitive. Handling and assembly of this device should only
be done at ESD-free workstations.
Electrical Characteristics (V
ccRF=VccIF=VPRF=VPIF= 3.0V; −40˚C < TA< +85˚C except as specified)
All min/max specifications are guaranteed by design, or test, or statistical methods.
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
GENERAL
I
CC
Power Supply Current
RF and IF
6.0
8.5
mA
IF Only
1.1
2.0
mA
I
CC-PWDN
Power Down Current
RF_EN = IF_EN = LOW
20
50
µA
f
in RF
RF Operating Frequency
0.5
2.5
GHz
f
in IF
IF Operating Frequency
10
550
MHz
f
OSC
Oscillator Frequency
No load on OSC
RF
2
50
MHz
f
φ
Phase Detector Frequency
RF and IF
10
MHz
Pf
in RF
RF Input Sensitivity
V
CC = 3.0V
−15
0
dBm
V
CC = 5.0V
−10
0
dBm
Pf
in IF
IF Input Sensitivity
2.7V
≤ V
CC ≤ 5.5V
−10
0
dBm
V
OSC
Oscillator Sensitivity
OSC
IF, OSCRF
0.5
V
CC
V
PP
CHARGE PUMP
ICPo-
source RF
RF Charge Pump Output
Current (see Programming
Description 3.2.2)
VCPo Vp/2, RF_CP_WORD =
0000
−100
µA
ICPo-
sink RF
VCPo = Vp/2, RF_CP_WORD =
0000
100
µA
ICPo-
source RF
VCPo = Vp/2, RF_CP_WORD =
1111
−1.6
mA
ICPo-
sink RF
VCPo = Vp/2, RF_CP_WORD =
1111
1.6
mA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com