Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2502 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2502
Description  PLLatinum??Frequency Synthesizer System with Integrated VCO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2502 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX2502 Datasheet HTML 3Page - National Semiconductor (TI) LMX2502 Datasheet HTML 4Page - National Semiconductor (TI) LMX2502 Datasheet HTML 5Page - National Semiconductor (TI) LMX2502 Datasheet HTML 6Page - National Semiconductor (TI) LMX2502 Datasheet HTML 7Page - National Semiconductor (TI) LMX2502 Datasheet HTML 8Page - National Semiconductor (TI) LMX2502 Datasheet HTML 9Page - National Semiconductor (TI) LMX2502 Datasheet HTML 10Page - National Semiconductor (TI) LMX2502 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Functional Description
GENERAL DESCRIPTION
LMX2502/12 is a highly integrated frequency synthesizer
system that generates LO signals for PCS and Cellular
CDMA applications. These devices include all the functional
blocks of a PLL, RF VCO, prescaler, RF phase detector, and
loop filter. The need for external components is limited to a
few passive elements for matching the output impedance
and bypass elements for power line stabilization.
In addition to the RF circuitry, the IC also includes IF fre-
quency dividers, and an IF phase detector to complete the IF
synthesis with the external VCO and the loop filter. Table 1
summarizes the counter values used to generate the default
IF frequencies.
Using a low spurious fractional-N synthesizer based on a
delta sigma modulator, the circuit can support 10 kHz chan-
nel spacing for PCS and Cellular CDMA systems.
The fractional-N synthesizer enables faster lock time, which
reduces power consumption and system set-up time. Addi-
tionally, the loop filter occupies a smaller area as opposed to
the integer-N architecture. This allows the loop filter to be
embedded into the circuit, minimizing the external noise
coupling and total form factor. The delta sigma architecture
delivers very low spurious, which can be a significant prob-
lem for other PLL solutions.
The circuit also supports commonly used reference frequen-
cies of 19.20 MHz and 19.68 MHz.
FREQUENCY GENERATION
RF-PLL Section
The divide ratio can be calculated using the following equa-
tion:
LMX2502 – PCS CDMA:
f
VCO = {8 x RF_B + RF_A + (RF_FN / fOSC)x10
4}xf
OSC
where (RF_A < RF_B)
LMX2512 – Cellular CDMA:
f
VCO = {6 x RF_B + RF_A + (RF_FN / fOSC)x10
4}xf
OSC
where (RF_A < RF_B)
where
f
VCO: Output frequency of voltage controlled oscillator (VCO)
RF_B: Preset divide ratio of binary 4-bit programmable
counter (2
≤ RF_B ≤ 15)
RF_A: Preset divide ratio of binary 3-bit swallow counter (0
≤
RF_A
≤ 7 for LMX2502 or 0 ≤ RF_A ≤ 5 for LMX2512)
RF_FN: Preset numerator of binary 11-bit modulus counter
(0
≤ RF_FN < 1920 for f
OSC = 19.20 MHz or 0
≤ RF_FN <
1968 for f
OSC = 19.68 MHz)
f
OSC: Reference oscillator frequency
IF-PLL Section
f
VCO = {16 x IF_B + IF_A} x fOSC / IF_R where (IF_A < IF_B)
where
f
VCO: Output frequency of the voltage controlled oscillator
(VCO)
IF_B: Preset divide ratio of the binary 9-bit programmable
counter (1
≤ IF_B ≤ 511)
IF_A: Preset divide ratio of the binary 4-bit swallow counter
(0
≤ IF_A ≤ 15)
f
OSC: Reference oscillator frequency
IF_R: Preset divide ratio of the binary 9-bit programmable
reference counter (2
≤ IF_R ≤ 511)
From the above equation, the LMX2502/12 generates the
fixed IF frequencies as summarized in Table 1.
TABLE 1. IF Frequencies
Device Type
F
VCO
(MHz)
IF_B
IF_A
f
OSC/IF_R
(kHz)
LMX2502LQ1635
440.76
229
9
120
LMX2512LQ0967
170.67
88
15
120
LMX2512LQ1065
367.20
191
4
120
VCO FREQUENCY TUNING
The center frequency of the RF VCO is determined by the
resonant frequency of the tank circuit. This tank circuit is
implemented on-chip and requires no external inductor. The
LMX2502/12 actively tunes the tank circuit to the required
frequency with the built-in tracking algorithm.
BANDWIDTH CONTROL AND FREQUENCY LOCK
During the frequency acquisition period, the loop bandwidth
is significantly extended to achieve frequency lock. Once
frequency lock occurs, the PLL will return to a steady state
condition with the loop bandwidth set to its nominal value.
The transition between acquisition and lock modes occurs
seamlessly and extremely fast, thereby, meeting the strin-
gent requirements associated with lock time and phase
noise. Several controls (BW_DUR, BW_CRL, and BW_EN)
are used to optimize the lock time performance.
SPURIOUS REDUCTION
To improve the spurious performance of the device one of
two types of spurious reduction schemes can be selected:
•
A continuous optimization scheme, which tracks the en-
vironmental and voltage variations, giving the best spuri-
ous performance over changing conditions
•
A one time optimization scheme, which sets the internal
compensation values only when the PLL goes into a
locked state.
The spurious reduction can also be disabled, but it is recom-
mended that the continuous optimization mode be used for
normal operation.
POWER DOWN MODE
The LMX2502 and LMX2512 include a power down mode to
reduce the power consumption. The LMX2502/12 enters into
the power down mode either by taking the CE pin LOW or by
setting the power down bits in Register R1. Table 2 summa-
rizes the power down function. If CE is set LOW, the circuit is
powered down regardless of the register values. When CE is
HIGH, the IF and RF circuitry are individually powered down
by setting the register bits.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com