Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX3161 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3161
Description  Single Chip Radio Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3161 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX3161 Datasheet HTML 6Page - National Semiconductor (TI) LMX3161 Datasheet HTML 7Page - National Semiconductor (TI) LMX3161 Datasheet HTML 8Page - National Semiconductor (TI) LMX3161 Datasheet HTML 9Page - National Semiconductor (TI) LMX3161 Datasheet HTML 10Page - National Semiconductor (TI) LMX3161 Datasheet HTML 11Page - National Semiconductor (TI) LMX3161 Datasheet HTML 12Page - National Semiconductor (TI) LMX3161 Datasheet HTML 13Page - National Semiconductor (TI) LMX3161 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Loop Filter Design Consideration
Loop Gain Equations
A linear control system model of the phase feedback for a
PLL in the locked state is shown in
Figure 2. The open loop
gain is the product of the phase comparator gain (K φ ), the
VCO gain (K
vco/s), and the loop filter gain Z(s) divided by the
gain of the feedback counter modulus (N). The passive loop
filter configuration used is displayed in
Figure 3, while the
complex impedance of the filter is given in
Equation (2).
PASSIVE LOOP FILTER
Open loop gain = H(s) G(s) =
θi/θe = Kφ Z(s)K
VCO/Ns
(1)
(2)
The time constants which determine the pole and zero fre-
quencies of the filter transfer function can be defined as
(3)
and
T2 = R2
• C2
(4)
The 3rd order PLL Open Loop Gain can be calculated in
terms of frequency,
ω, the filter time constants T1 and T2,
and the design constants Kφ,Kvco, and N.
(5)
From
Equations (3), (4) we can see that the phase term will
be dependent on the single pole and zero such that the
phase margin is determined in
Equation (6).
φ (ω) = tan −1 (ω • T 2) − tan−1 (ω • T 1) + 180˚ (6)
DS012815-8
FIGURE 1. Conventional PLL Architecture
DS012815-9
FIGURE 2. PLL Linear Model
DS012815-10
FIGURE 3. Passive Loop Filter
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com