Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-381Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-381Z
Description  2 Leads Surface Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-381Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-381Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-381Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-381Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-381Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-381Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Table 1. Absolute Maximum Ratings [1] at Tc = +25°C
Symbol
Parameter
Unit
Max Rating
If
Forward Current (1 µs Pulse)
Amp
1
PIV
Peak Inverse Voltage
V
100
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-60 to 150
qjb
Thermal Resistance [2]
°C/W
135
Notes:
1. Operationinexcessofanyoneoftheseconditionsmayresultinpermanentdamagetothedevice.
2. ThermalResistanceismeasuredfromjunctiontoboardusingIRmethod.
Table 2. Electrical Specifications at Tc = +25°C
Minimum
Breakdown
Voltage
VBR (V)
Maximum
Total
Capacitance
CT (pF)
Minimum
Resistance
at IF = 0.01mA,
RH (Ω)
Maximum
Resistance
at IF = 20mA,
RL (Ω)
Maximum
Resistance
at IF = 100mA,
RT (Ω)
Resistance
at IF = 1mA,
RM (Ω)
100
0.35
1500
10
3.0
48 to 70
Test
Conditions
VR =VBR Measure
IR≤ 10uA
VR = 50V
f = 1MHz
IF = 0.01mA
f = 100MHz
IF = 20mA
f = 100MHz
IF = 100mA
f = 100MHz
IF = 1mA
f = 100MHz
Note:RsparametersaretestedunderAQL1.0
Table 3. Typical Parameters at Tc = +25°C
Carrier
Lifetime
t (ns)
Reverse
Recovery Time
Trr (ns)
Total
Capacitance
CT (pF)
1500
300
0.27
Test
Conditions
IF = 50mA
IR = 250mA
VR = 10V
IF = 20mA
90% Recovery
VR = 50V
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com