Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-282Y Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-282Y
Description  RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-282Y Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-282Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.
0.5
FORWARD VOLTAGE (V)
125
oC
75
o C
25
o C
-25
o C
1
10
100
1000
0.1
1
10
100
FORWARD CURRENT (mA)
0
0.2
0.
0.6
0.8
1
0
2

6
8
REVERSE VOLTAGE (V)
Typical Performance Curves at Tc = +25
°C
Figure 1. Forward Currect vs.Forward Voltage at temperature
Figure 2. Reverse Current vs. Reverse Voltage at temperature
Figure 3. Dynamic Resistance vs. Forward Current
Figure 4. Total Capacitance vs. Reverse Bias at 1MHz
Notes :
1. Effective carrier lifetime(
τ) for the diode is 100 ps maximum measured with Krakaver method at 5 mA
2. RD = Rs + 5.2 Ohm @ 25
°C and IF = 5 mA
Table 2. Electrical Specifications at Tc = +25
°C
Minimum
Breakdown Voltage
VBR (V)
Maximum
Forward Voltage
VF (mV)
Maximum
Forward Voltage
VF (V)
Maximum
Reverse Leakage
IR (nA)
Maximum
Capacitance
CT (pF)
Typical Dynamic
Resistance
RD (Ohm)[2]
15
340
0.5
100
1.0
12
Test
Conditions
VR =VBR
Measure IR ≤ 100mA
IF = 1mA
IF = 10mA
VR = 1V
VR = 0
Vf = 1 MHz
IF = 5mA
1
10
100
1000
10000
100000
0
5
10
15
REVERSE VOLTAGE (V)
25
o C
75
o C
125
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com