Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-285Y Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-285Y
Description  Zero Bias Schottky Detector Diodes In Surface Mount SOD-523 Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-285Y Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-285Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-285Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-285Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-285Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Table 2. Electrical Specifications at Tc = +25
°°°°°C
Table 3. RF Electrical Specifications, Tc = +25
°°°°°C
Maximum Forward Voltage VF (mV)
Maximum Reverse
Leakage IR (uA)
Typical Capacitance
CT (pF)
150
250
175
0.30
Test Conditions
IF = 0.1 mA
IF = 1.0 mA
VR = 2V
VR = -0.5 V to -1.0 V
f = 1MHz
Typical Tangential Sensitivity
TSS (dBm) @ f = 915 MHz
Typical Voltage Sensitivity
γ
(mV/
µW) @ f = 915 MHz
Typical Video Resistance
RV (K
Ω)
-57
40
8.0
Test Conditions
Video Bandwidth = 2 MHz
Zero Bias
Power in = -40 dBm
RL = 100 K
Ω, Zero Bias
Zero Bias
0.01
0.1
1
10
100
0 0.2 0.4 0.6 0.8
1 1.2 1.4 1.6 1.8
VF - Forward Voltage - V
Figure 1. Typical Forward Current vs
Forward Voltage.
Figure 2. 25
°°°°°C Output Voltage vs Input
Power at Zero Bias.
Figure 3. 25
°°°°°C Expanded Output Voltage
vs Input Power. See Figure 2.
Figure 4. Output Voltage vs Temperature.
Typical Parameters
-50
0.1
POWER IN (dBm)
-30
-20
10000
10
1
-40
0
100
-10
1000
R L = 100 KΩ
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
915 MHz
-50
0.3
POWER IN (dBm)
-30
10
1
-40
30
R L = 100 KΩ
915 MHz
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
0
0.9
TEMPERATURE (C)
40 50
3.1
2.1
1.5
10
100
2.5
80
20 30
70
90
60
1.1
1.3
1.7
1.9
2.3
2.7
2.9
MEASUREMENTS MADE USING A
FR4 MICROSTRIP CIRCUIT.
FREQUENCY = 2.45 GHz
P IN = -40 dBm
R L = 100 KΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com