Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2372TM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2372TM
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2372TM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX2372TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 14Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 15Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2.0 Programming Description (Continued)
2.4.4 The FoLD Output Truth Table
Main
R[18]
Aux
R[18]
Main
R[19]
Aux
R[19]
Fo/LD Output State
0
0
0
0
Disabled
0
1
0
0
Aux Lock Detect (Note 9)
1
0
0
0
Main Lock Detect (Note 9)
1
1
0
0
Main/Aux Lock Detect (Note 9)
X
0
0
1
Aux Reference Divider Output
X
0
1
0
Main Reference Divider Output
X
1
0
1
Aux Programmable Divider Output
X
1
1
0
Main Programmable Divider Output
0
0
1
1
FastLock Output. Open Drain Output (Note 10)
0
1
1
1
Reset Aux R and N Counters and TRI-STATE Aux Charge Pump (Note 11)
1
0
1
1
Reset Main R and N Counters and TRI-STATE Main Charge Pump (Note
11)
1
1
1
1
Reset All Four Counters and TRI-STATE both Charge Pumps (Note 11)
X - don’t care condition
Note 9: Open drain lock detect output is provided to indicate when the VCO frequency is in “lock”. When the loop is locked and a lock detect mode is selected, the
pin is HIGH, with narrow pulses LOW. In the Main/Aux lock detect mode a locked condition is indicated when Main and Aux are both locked.
Note 10: The FastLock mode utilizes the FoLD output pin to switch a second loop filter damping resistor to ground during FastLock operation. Activation of FastLock
occurs whenever the Main loop’s ICPo magnitude bit R[16] is selected HI while the R[18] and R[19] mode bits are set.
Note 11: Aux and Main PLLs can be reset independently from each other by using the R[18] and R[19] bits. The Aux Counter Reset mode resets Aux PLL’s R and
N counters and brings Aux charge pump output to TRI-STATE condition. The Main Counter Reset mode resets Main PLL’s R and N counters and brings Main charge
pump output to a TRI-STATE condition. The Aux and Main Counter Reset modes reset all counters and bring both charge pump outputs to a TRI-STATE condition.
Upon removal of the Reset bits, the N counter resumes counting in “close” alignment with the R counter. (The maximum error is one prescaler cycle.)
2.5 Serial Data Input Timing
Serial Data Input Timing
DS101026-6
NOTES: Parenthesis data indicates programmable reference divider data.
Data shifted into register on clock rising edge.
Data is shifted in MSB first.
TEST CONDITIONS: The Serial Data Input Timing is tested using a symmetrical waveform around VCC/2. The test waveform has an edge rate of 0.6 V/ns with
amplitudes of 2.2V @ VCC = 2.7V and 2.6V @ VCC = 5.5V.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com