Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX5080 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX5080
Description  PLLatinum??2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX5080 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX5080 Datasheet HTML 1Page - National Semiconductor (TI) LMX5080 Datasheet HTML 2Page - National Semiconductor (TI) LMX5080 Datasheet HTML 3Page - National Semiconductor (TI) LMX5080 Datasheet HTML 4Page - National Semiconductor (TI) LMX5080 Datasheet HTML 5Page - National Semiconductor (TI) LMX5080 Datasheet HTML 6Page - National Semiconductor (TI) LMX5080 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Connection Diagram
Pin Descriptions
Pin
No.
Pin
Name
I/O
Description
1
IN
I
RF small signal prescaler input. Small signal input from the voltage controlled
oscillator
2V
CC
—
Power Supply voltage input may range from 2.7V to 5.5V. Bypass capacitors
should be placed as close as possible to this pin and be connected directly
to the ground plane.
3
SW1
I
Divide Ratio Control. CMOS logic input. Pin functionality is described in the
Modulus Control Truth Table.
4
OUT
O
Prescaler Output. CMOS level output for connection to low frequency PLL
input.
5
GND
—
Ground for analog and digital signals.
6
MC
I
Modulus Control Input. High impedance CMOS logic input. Pin functionality is
described in the Modulus Control Truth Table.
7
SW2
I
Divide Ratio Control. High impedance CMOS logic input. Pin functionality is
described in the Modulus Control Truth Table.
8IN
I
RF small signal prescaler complementary input. In single-ended mode, a
bypass capacitor should be placed as close as possible to this pin and be
connected directly to the ground plane. The IN and IN can be driven
differentially when the bypass capacitor is omitted.
Small Outline Package (SOP)
DS100940-2
NS Package Number M08A
Order Number LMX5080M, LMX5080MX
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com