Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC.001 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # CC.001
Description  SMT C-Clip Connector with 1mm Working Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CC.001 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  CC.001 Datasheet HTML 1Page - Taoglas antenna solutions CC.001 Datasheet HTML 2Page - Taoglas antenna solutions CC.001 Datasheet HTML 3Page - Taoglas antenna solutions CC.001 Datasheet HTML 4Page - Taoglas antenna solutions CC.001 Datasheet HTML 5Page - Taoglas antenna solutions CC.001 Datasheet HTML 6Page - Taoglas antenna solutions CC.001 Datasheet HTML 7Page - Taoglas antenna solutions CC.001 Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPE-17-8-015/A/WY
Page 2 of 8
1.Introduction
The Taoglas CC.001 C-Clip connector is designed to be SMT mounted on a PCB as a
contact bridge to antenna pads. This allows the PCB or Flex PCB antenna to be
connected to the system via the C-Clip, eliminating the need for cables and coaxial
RF connectors. The spring contact provides for a positive electrical connection.
Working height of the CC.001 is 1.0mm. The recommended footprint dimension is
3.2*1.7mm.
2.Specification
MECHANICAL
Dimension
3.41*1.5*1.44mm
Material
SUS 301 EH
Finished
100% Au plated over Ni
Working Height
1mm
ENVIROMENTAL
Salt Spray [ISO 9227:2012]
48 hours
Storage Temperature
-40°C to 120°C
Operating Temperature
-20°C to 70°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com