Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPCB.MMCXFSTJ.A.HT Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # EMPCB.MMCXFSTJ.A.HT
Description  rohs compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

EMPCB.MMCXFSTJ.A.HT Datasheet(HTML) 1 Page - Taoglas antenna solutions

  EMPCB.MMCXFSTJ.A.HT Datasheet HTML 1Page - Taoglas antenna solutions EMPCB.MMCXFSTJ.A.HT Datasheet HTML 2Page - Taoglas antenna solutions EMPCB.MMCXFSTJ.A.HT Datasheet HTML 3Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPE-12-8-135/B/WY
Page 1 of 3
SPECIFICATION
Part No.
: EMPCB.MMCXFSTJ.A.HT
Product Name
: MMCX (F) Jack For Edge PCB Mount
Feature
: MMCX(F) Jack
Straight Edge Mount PCB Jack
Frequency Range: DC up to 6GHz
Finish: Gold
Leg Length: 2.9mm
Total Length: 7.4mm
RoHS Compliant


Similar Part No. - EMPCB.MMCXFSTJ.A.HT

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
EMPCB.SMAFSTJ.B.HT TAOGLAS-EMPCB.SMAFSTJ.B.HT Datasheet
207Kb / 4P
rohs compliant
EMPCB.SMAFSTJ.C.HT TAOGLAS-EMPCB.SMAFSTJ.C.HT Datasheet
190Kb / 4P
rohs compliant
More results

Similar Description - EMPCB.MMCXFSTJ.A.HT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com