Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPCB.SMAFSTJ.C.HT Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # EMPCB.SMAFSTJ.C.HT
Description  rohs compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

EMPCB.SMAFSTJ.C.HT Datasheet(HTML) 2 Page - Taoglas antenna solutions

  EMPCB.SMAFSTJ.C.HT Datasheet HTML 1Page - Taoglas antenna solutions EMPCB.SMAFSTJ.C.HT Datasheet HTML 2Page - Taoglas antenna solutions EMPCB.SMAFSTJ.C.HT Datasheet HTML 3Page - Taoglas antenna solutions EMPCB.SMAFSTJ.C.HT Datasheet HTML 4Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPE-12-8-132/B/WY
Page 2 of 4
1. Introduction
The EMPCB.SMAFSTJ.C.HT connector was designed to be mounted on a PCB edge. The edge
mount configuration allows the connector to be easily slotted onto a PCB board; the maximum
thickness of PCB that the connector can be used with is 0.8mm. The connector pin is directly
soldered onto pads on the PCB. The connector is a standard SMA (F) Jack. The SMA connector is
the most popular type connector for RF applications. Taoglas connectors are all RoHS compliant.
2. Specification
ELECTRICAL
Impedance
50Ω
Frequency Range
0~12.4 GHz
Working Voltage
Max. 335 Vrms
Insulation Resistance
Min. 5000M ohms
MECHANICAL
Connector Dimension
6.35 X 6.35 X13.3 mm
Max. Thickness PCB acceptable
0.8 mm
Connector Pin Diameter
0.76 mm
Connector Type
SMA (F) to PCB Edge Mounted
ENVIRONMENTAL
RoHS compliant
Operating Temperature
-40°C to +85°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com