Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN39160FH Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN39160FH
Description  4.5 mm (type-1/4) 680k-pixel CCD Area Image Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN39160FH Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN39160FH Datasheet HTML 1Page - Panasonic Semiconductor MN39160FH Datasheet HTML 2Page - Panasonic Semiconductor MN39160FH Datasheet HTML 3Page - Panasonic Semiconductor MN39160FH Datasheet HTML 4Page - Panasonic Semiconductor MN39160FH Datasheet HTML 5Page - Panasonic Semiconductor MN39160FH Datasheet HTML 6Page - Panasonic Semiconductor MN39160FH Datasheet HTML 7Page - Panasonic Semiconductor MN39160FH Datasheet HTML 8Page - Panasonic Semiconductor MN39160FH Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MN39160FH
2
SMD00002BEC
■ Block Diagram
Pin No. Symbol
Description
8
VO
Video output
9
GND
GND
10
φ
R
Reset pulse (RG)
11
φ
H1
Horizontal register clock pulse 1
12
φ
H2
Horizontal register clock pulse 2
13
Sub
Substrate
14
PT
P-well for protection circuit
Pin No. Symbol
Description
1
φ
V4
Vertical shift register clock pulse 4
2
φ
V3
Vertical shift register clock pulse 3
3
φ
V2
Vertical shift register clock pulse 2
4
φ
V1
Vertical shift register clock pulse 1
5
GND
GND
6
TEST
TEST pin (OPEN) *
1
7VDD
Power supply
■ Pin Descriptions
■ Device Parameter (H × V)
Note) *1: TEST pin must be left open, because the pin outputs CCD internal bias volltage.
Photo diode
8
13
7
9
1 φ
V4
φV3
φV2
φV1
GND
TEST *1
2
3
4
5
PT
14
6
Sub
VO
VDD
GND
Horizontal register (one dummy at the front, no dummy at the back)
*1 : TEST pin must be left open, because the pin outputs CCD internal bias voltage.
(4 columns OB
+ 962 columns valid area + 41 columns OB)
Parameter
Value
Unit
Pixel number *
1
962
× 654
pixel
Image sensing block dimension
3.655 6
× 2.714 1mm2
Pixel dimension
3.80
× 4.15
µm2
Note) *1: OB columns are not included.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com