Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF.12.011 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # LPF.12.011
Description  RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LPF.12.011 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  LPF.12.011 Datasheet HTML 1Page - Taoglas antenna solutions LPF.12.011 Datasheet HTML 2Page - Taoglas antenna solutions LPF.12.011 Datasheet HTML 3Page - Taoglas antenna solutions LPF.12.011 Datasheet HTML 4Page - Taoglas antenna solutions LPF.12.011 Datasheet HTML 5Page - Taoglas antenna solutions LPF.12.011 Datasheet HTML 6Page - Taoglas antenna solutions LPF.12.011 Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPE-15-8-037/A/IC
Page 3 of 7
2. Specification Table
ELECTRICAL
Pass Band Frequency
300~1400 MHz
Pass Band Width
1100 MHz
Input / Output Impedance
50 Ohm
Max. Input Power
10W
Pass Band Insertion Loss
1.0 dB typ.
1.1 dB max
Pass Band Ripple
1.0 dB max
Pass Band Return Loss
10 dB min
Stop-Band
Attenuation
at 1565~1625 MHz
10 dB min
at 1900~2200 MHz
20 dB min
at 2400~2700 MHz
35 dB min
MECHANICAL
Connector type
SMA(M) & SMA(F)
Weight
9.820g
Dimensions
39*10mm
ENVIRONMENTAL
Operating Temperature
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com