Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB.200.C Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MB.200.C
Description  RoHS compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MB.200.C Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MB.200.C Datasheet HTML 1Page - Taoglas antenna solutions MB.200.C Datasheet HTML 2Page - Taoglas antenna solutions MB.200.C Datasheet HTML 3Page - Taoglas antenna solutions MB.200.C Datasheet HTML 4Page - Taoglas antenna solutions MB.200.C Datasheet HTML 5Page - Taoglas antenna solutions MB.200.C Datasheet HTML 6Page - Taoglas antenna solutions MB.200.C Datasheet HTML 7Page - Taoglas antenna solutions MB.200.C Datasheet HTML 8Page - Taoglas antenna solutions MB.200.C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPE-15-8-020/A/IC
Page 1 of 12
SPECIFICATION
Part No.
: MB.200.C
Product Name
: Magneto
Features
: 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
- Magnetic Mount
- Wall Mount
- Desktop Mount
SMA(F) Jacks for Antennas
SMA(M)Straight Plug on Cable
Standard RG316 1 meter cable length
Dimensions 80mm *96mm * 25mm
RoHS compliant
Desk Top/ Magnetic Mount
Wall Mount


Similar Part No. - MB.200.C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MB.250.B TAOGLAS-MB.250.B Datasheet
1Mb / 15P
Standard CFD200 2 meter cable length
More results

Similar Description - MB.200.C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com