Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB.250.B Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MB.250.B
Description  Standard CFD200 2 meter cable length
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MB.250.B Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MB.250.B Datasheet HTML 1Page - Taoglas antenna solutions MB.250.B Datasheet HTML 2Page - Taoglas antenna solutions MB.250.B Datasheet HTML 3Page - Taoglas antenna solutions MB.250.B Datasheet HTML 4Page - Taoglas antenna solutions MB.250.B Datasheet HTML 5Page - Taoglas antenna solutions MB.250.B Datasheet HTML 6Page - Taoglas antenna solutions MB.250.B Datasheet HTML 7Page - Taoglas antenna solutions MB.250.B Datasheet HTML 8Page - Taoglas antenna solutions MB.250.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SPE-17-8-018/A
Page 2 of 15
1. Introduction
The Magneto MB.250.B is a revolutionary base mount for Taoglas antennas. With a
magnetic option available and IP67 rating, the MB.250 fits most applications. The
standard base comes with 2m high quality, low loss, CFD200 cable to allow for
flexibility of placement. The base has undergone extensive pull force testing.
The base SMA connectors where the antenna elements connect are SMA(F), meaning
the mating antenna needs to be SMA(M) straight connector type. The base cable has
an SMA(M) connector. Cable length and cable connector types are customizable,
subject to MOQ. The connector can be customizable on the base itself subject to NRE
and MOQ.
Application Options
Magnetic Mount:
With five embedded super-magnets, the base mounts permanently to metal surfaces.
Wall Mount:
Mounting holes in the base make it easy to mount on a wall.
Desktop:
EVA foam under the base ensures a strong grip for desktop use.
In practice any antenna model with a standard SMA(M) connector can be used with
this base. Taoglas has the TG.35, TG.30, TG.09, or TG.08 for 4G/3G/2G applications.
For Dual-band Wi-Fi we recommend the TG.35 or the GW.71.
Contact your regional Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com