Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB.MMCXFSTJ.HT Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PCB.MMCXFSTJ.HT
Description  rohs compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCB.MMCXFSTJ.HT Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PCB.MMCXFSTJ.HT Datasheet HTML 1Page - Taoglas antenna solutions PCB.MMCXFSTJ.HT Datasheet HTML 2Page - Taoglas antenna solutions PCB.MMCXFSTJ.HT Datasheet HTML 3Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPE-12-8-138/C/WY
Page 2 of 3
1. Introduction
The PCB.MMCXFSTJ.HT connector was designed to be mounted on a PCB. The maximum
thickness of PCB that the connector can be used with is 2.5mm. The connector pin is directly
soldered onto pads on the PCB. The connector is a standard MMCX (F) Jack. Taoglas connectors
are all RoHS compliant.
2. Specification
ELECTRICAL
Impedance
50Ω
Frequency Range
DC~6 GHz
Working Voltage
Max. ≤170 Vrms
Dielectric withstanding Voltage
500 Vrms
Insulation Resistance
≥1000M MΩ
MECHANICAL
Connector Dimension
7.5mm*3.5mm
Max. Thickness PCB acceptable
2.5mm
Connector Pin Diameter
0.7 mm
Connector Type
MMCX(F) Vertical PCB Thru Hole Jack
ENVIRONMENTAL
RoHS compliant
Operating Temperature
-40°C to +85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com