Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA806 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTA806
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA806 Datasheet(HTML) 2 Page - STMicroelectronics

  STTA806 Datasheet HTML 1Page - STMicroelectronics STTA806 Datasheet HTML 2Page - STMicroelectronics STTA806 Datasheet HTML 3Page - STMicroelectronics STTA806 Datasheet HTML 4Page - STMicroelectronics STTA806 Datasheet HTML 5Page - STMicroelectronics STTA806 Datasheet HTML 6Page - STMicroelectronics STTA806 Datasheet HTML 7Page - STMicroelectronics STTA806 Datasheet HTML 8Page - STMicroelectronics STTA806 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STTA806D/DI/G
2/9
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VF *
Forward voltage drop
IF =8A
Tj = 25°C
Tj = 125°C
1.25
1.75
1.5
V
V
IR **
Reverse leakage current
VR =0.8 x
VRRM
Tj = 25°C
Tj = 125°C
1.5
100
4
µA
mA
Vto
Threshold voltage
Ip < 3.IAV
Tj = 125°C
1.15
V
rd
Dynamic resistance
43
m
Test pulse :
* tp = 380
µs, δ <2%
** tp = 5 ms,
δ <2%
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Value
Unit
Rth(j-c)
Junction to case thermal
resistance
TO-220AC / D
2PAK
TO-220AC ins.
2.2
3.3
°C/W
P1
Conduction power dissipation
IF(AV) =8A
δ =0.5
TO-220AC / D
2PAK
TO-220AC ins.
Tc= 118°C
Tc= 102°C
14.5
W
Pmax
Total power dissipation
Pmax=P1+P3
(P3 = 10% P1)
TO-220AC /D
2PAK
TO-220AC ins.
Tc= 115°C
Tc= 97°C
16
W
THERMAL AND POWER DATA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 0.5 A
IR = 1A
Irr = 0.25A
IF =1A dIF/dt =-50A/
µsVR = 30V
25
52
ns
IRM
Maximum reverse
recovery current
Tj = 125°C VR = 400V
IF =8A
dIF/dt = -64 A/
µs
dIF/dt = -500 A/
µs
14
5.5
A
S factor
Softness factor
Tj = 125°C VR = 400V
IF =8A
dIF/dt = -500 A/
µs
0.47
-
DYNAMIC ELECTRICAL CHARACTERISTICS
TURN-OFF SWITCHING
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tfr
Forward recovery
time
Tj = 25°C
IF =8A,dIF/dt=64A/
µs
measured at, 1.1
× VFmax
500
ns
VFp
Peak forward voltage Tj = 25°C
IF = 8A, dIF/dt=64A/
µs
10
V
TURN-ON SWITCHING
To evaluate the maximum conduction losses use the following equation :
P=Vto xIF(AV) +rdxIF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com